Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60000PI Datasheet (PDF) - Philex Electronic Ltd.

60000PI Datasheet PDF - Philex Electronic Ltd.
Part # 60000PI
Download  60000PI Download
File Size   536.75 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 1m SC to SC Multimode Duplex OM1 LSZH Fibre Optic Cable

60000PI Datasheet (PDF)

Go To PDF Page Download Datasheet
60000PI Datasheet PDF - Philex Electronic Ltd.

Part # 60000PI
Download  60000PI Click to download

File Size   536.75 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 1m SC to SC Multimode Duplex OM1 LSZH Fibre Optic Cable

60000PI Datasheet (HTML) - Philex Electronic Ltd.


60000PI Product details

Features
• Optimised with multimode 62.5μm/125μm fibres for peak data
transfer rates, perfect for complex LANs, connecting multimedia
systems, and other network-driven applications.
• Boasts Low Smoke Zero Halogen (LSZH) jacketing to enhance fire
safety, crucial for enclosed spaces and heavily trafficked areas
where public safety is of utmost importance.
• Features steadfast SC to SC connectors, securing dependable
connections and precise alignment for uninterrupted data transfer.
• With its OM1 classification, this cable assures broad compatibility
with a vast array of networking hardware, facilitating easy
integration and upgrade paths in current systems.
• The concise 1-meter length supports neat, organised installations,
particularly in high-density networking environments like data
centres and server rooms.




Similar Part No. - 60000PI

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
60000 PRESTO-60000 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Schurter Inc.
60000214 SCHURTER-60000214 Datasheet
82Kb / 1P
APPLIANCE COUPLERS
logo
CML Innovative Technolo...
60000282 CMLINNOVATIVETECHNOLOGIES-60000282 Datasheet
61Kb / 1P
Shatterproof 25mm Tight bend UV lamp
14/05/07
logo
Belden Inc.
600006029 BELDEN-600006029 Datasheet
925Kb / 3P
7/8" Power Double-Ended Cordset: Male straight to female angled, 4-pin, yellow body, 600 V (UL), 10 A (UL); TPE yellow cable, 16 AWG
05-04-2023
600006203 BELDEN-600006203 Datasheet
701Kb / 3P
7/8" Power Single-Ended Cordset: Female, angled, 5-pin, yellow body, 600 V (UL), 8 A (UL); TPE yellow cable, 16 AWG
03-22-2023
More results


Similar Description - 60000PI

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300008-2 PASTERNACK-PE300008-2 Datasheet
249Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX
PE300008-3 PASTERNACK-PE300008-3 Datasheet
249Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX
PE300033 PASTERNACK-PE300033 Datasheet
245Kb / 1P
CABLE ASSEMBLY SC TO LC DUPLEX MULTIMODE
logo
Tripp Lite. All Rights ...
N80601M TRIPPLITE-N80601M Datasheet
505Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 1M (3-ft.)
N306003 TRIPPLITE-N306003 Datasheet
496Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (SC-SC), 1M (3-ft)
N50601M TRIPPLITE-N50601M Datasheet
487Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (SC-SC), 1M (3-ft.)
N306-003 TRIPPLITE-N306-003 Datasheet
164Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (SC/SC), 1M (3-ft.)
N806-01M TRIPPLITE-N806-01M Datasheet
164Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (SC/SC) - Aqua, 1M (3-ft.)
N816-01M TRIPPLITE-N816-01M Datasheet
157Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (LC/SC) - Aqua, 1M (3-ft.)
N506-01M TRIPPLITE-N506-01M Datasheet
165Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (SC/SC), 1M (3-ft.)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com