Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMVC004 Datasheet (PDF) - Infinite Electronics International, Inc.

FMVC004 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMVC004
Download  FMVC004 Download
File Size   865.84 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.175 inch SMT (Surface Mount), Frequency of 800 MHz to 1.6 GHz, Phase Noise -93 dBc/Hz

FMVC004 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMVC004 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMVC004
Download  FMVC004 Click to download

File Size   865.84 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.175 inch SMT (Surface Mount), Frequency of 800 MHz to 1.6 GHz, Phase Noise -93 dBc/Hz

FMVC004 Datasheet (HTML) - Infinite Electronics International, Inc.


FMVC004 Product details

Features
• Hz @ 10 kHz offset.  Supply Voltage is +5V with a generated output power level
• of +11.0 dBm and 2nd harmonic output of -17 dBc typical.  The assembly is RoHS
• compliant and available in a compact 0.175 inch SMT package with an industry
• standard mounting footprint.  The bottom surface is copper clad with 2-5 micro
• inches of immersion Gold over 150 - 250 micro inches of Electro less Nickel which
• makes it resistant to oxidation for ease of soldering. The VCO operates over a
• temperature range of -40°C to +85°C and is designed to meet a variety of MIL-
• STD-202 test conditions including Humidity, Shock, and Vibration.
Features
• 800 MHz to 1,600
• MHz Bandwidth
• -93 dBc/Hz @ 10kHz offset
• Tuning Voltage 0V to 18V
• Pout = +11.0 dBm
• Harmonics = -17 dBc
• RoHs Compliant Assembly
• 0.175” SMT package
• Industry Standard
• Mounting Footprint
• Designed to meet MIL-STD-202
• Environmental Conditions
• Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
• FMVC004
• DATA SHEET




Similar Part No. - FMVC004

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMVC006 FAIRVIEW-FMVC006 Datasheet
847Kb / 6P
VCO (Voltage Controlled Oscillator) 0.175 inch Commercial Frequency of 2 GHz to 2.75 GHz, Phase Noise -86 dBc/Hz
REV 1.0
More results


Similar Description - FMVC004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V14008 PASTERNACK-PE1V14008 Datasheet
979Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.8 GHz to 3 GHz, Phase Noise of -93 dBc/Hz and 0.5 inch Package
PE2V004 PASTERNACK-PE2V004 Datasheet
657Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 800 MHz to 1.6 GHz, Phase Noise of -93 dBc/Hz and 0.175 inch Package
PE2V008 PASTERNACK-PE2V008 Datasheet
661Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.92 GHz, Phase Noise of -87 dBc/Hz and 0.175 inch Package
PE2V009 PASTERNACK-PE2V009 Datasheet
683Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.57 GHz to 4.58 GHz, Phase Noise of -83 dBc/Hz and 0.175 inch Package
PE2V010 PASTERNACK-PE2V010 Datasheet
670Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.4 GHz to 5 GHz, Phase Noise of -85 dBc/Hz and 0.175 inch Package
PE2V012 PASTERNACK-PE2V012 Datasheet
657Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.8 GHz to 5.7 GHz, Phase Noise of -84 dBc/Hz and 0.175 inch Package
PE2V014 PASTERNACK-PE2V014 Datasheet
656Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 5.4 GHz to 5.9 GHz, Phase Noise of -84 dBc/Hz and 0.175 inch Package
PE2V015 PASTERNACK-PE2V015 Datasheet
588Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 6.1 GHz to 7 GHz, Phase Noise of -76 dBc/Hz and 0.175 inch Package
PE2V018 PASTERNACK-PE2V018 Datasheet
578Kb / 6P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 9 GHz to 10 GHz, Phase Noise of -78 dBc/Hz and 0.175 inch Package
PE2V019 PASTERNACK-PE2V019 Datasheet
578Kb / 6P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 GHz to 11 GHz, Phase Noise of -72 dBc/Hz and 0.175 inch Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com