Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSI4 Datasheet (PDF) - Speco Technologies.

APSI4 Datasheet PDF - Speco Technologies.
Part # APSI4
Download  APSI4 Download
File Size   488.75 Kbytes
Page   2 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description Proximity Card

APSI4 Datasheet (PDF)

Go To PDF Page Download Datasheet
APSI4 Datasheet PDF - Speco Technologies.

Part # APSI4
Download  APSI4 Click to download

File Size   488.75 Kbytes
Page   2 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description Proximity Card

APSI4 Datasheet (HTML) - Speco Technologies.


APSI4 Product details

Features
•Up to 7in contactless read range
•Contactless Digital Radio Frequency Identification (RFID) technology
•Frequency 125kHz
•Pack quantity: 25 cards
•1 Year Warranty




Similar Part No. - APSI4

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
APSI4 SPECO-APSI4 Datasheet
457Kb / 1P
Mullion Proximity Reader
10/14/25
APSI4 SPECO-APSI4 Datasheet
408Kb / 1P
Proximity Reader
10/14/25
APSI4 SPECO-APSI4 Datasheet
372Kb / 1P
Mullion Proximity Reader & Keypad
10/14/25
APSI4 SPECO-APSI4 Datasheet
426Kb / 1P
Proximity Reader & Keypad
10/14/25
APSI4 SPECO-APSI4 Datasheet
483Kb / 1P
Contactless Proximity Reader
1/10/22
More results


Similar Description - APSI4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA305 SIEMENS-TCA305 Datasheet
112Kb / 7P
Proximity Switch
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
Proximity Sensor
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
Proximity Sensing
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
Proximity sensor
574339 FESTO-574339 Datasheet
87Kb / 2P
Proximity sensor
574342 FESTO-574342 Datasheet
91Kb / 2P
Proximity sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com