Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMVC012 Datasheet (PDF) - Infinite Electronics International, Inc.

FMVC012 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMVC012
Download  FMVC012 Download
File Size   848.24 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.175 inch Commercial Frequency of 4.8 GHz to 5.7 GHz, Phase Noise -84 dBc/Hz

FMVC012 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMVC012 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMVC012
Download  FMVC012 Click to download

File Size   848.24 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.175 inch Commercial Frequency of 4.8 GHz to 5.7 GHz, Phase Noise -84 dBc/Hz

FMVC012 Datasheet (HTML) - Infinite Electronics International, Inc.


FMVC012 Product details

Features
• Hz @ 10 kHz offset.  Supply Voltage is +12.0V with a generated output power
• level of +8.0 dBm and 2nd harmonic output of -20 dBc typical.  The assembly
• is RoHS compliant and available in a compact 0.175 inch SMT package with an
• industry standard mounting footprint.  The bottom surface is copper clad with 2-5
• micro inches of immersion Gold over 150 - 250 micro inches of Electro less Nickel
• which makes it resistant to oxidation for ease of soldering. The VCO operates
• over a temperature range of -40°C to +85°C and is designed to meet a variety of
• MIL-STD-202 test conditions including Humidity, Shock, and Vibration.
Features
• 4.8 GHz to 5.7 GHz Bandwidth
• -84 dBc/Hz @ 10kHz offset
• Tuning Voltage 0V to 11.0V
• Pout = +8.0 dBm
• Harmonics = -20 dBc
• RoHs Compliant Assembly
• 0.5” SMT package
• Industry Standard
• Mounting Footprint
• Designed to meet MIL-STD-202
• Environmental Conditions
• Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
• FMVC012
• DATA SHEET




Similar Part No. - FMVC012

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMVC011 FAIRVIEW-FMVC011 Datasheet
848Kb / 6P
VCO (Voltage Controlled Oscillator) 0.175 inch Commercial Frequency of 4.8 GHz to 5.2 GHz, Phase Noise -80 dBc/Hz
REV 1.0
FMVC014 FAIRVIEW-FMVC014 Datasheet
877Kb / 6P
VCO (Voltage Controlled Oscillator) 0.175 inch SMT (Surface Mount), Frequency of 5.4 GHz to 5.9 GHz, Phase Noise -84 dBc/Hz
REV 1.1
FMVC018 FAIRVIEW-FMVC018 Datasheet
744Kb / 5P
VCO (Voltage Controlled Oscillator) 0.175 inch Commercial SMT (Surface Mount), Frequency of 9 GHz to 10 GHz, Phase Noise -78 dBc/Hz
REV 1.0
FMVC019 FAIRVIEW-FMVC019 Datasheet
742Kb / 5P
VCO (Voltage Controlled Oscillator) 0.175 inch Commercial SMT (Surface Mount), Frequency of 10 GHz to 11 GHz, Phase Noise -72 dBc/Hz
REV 1.0
More results


Similar Description - FMVC012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2V008 PASTERNACK-PE2V008 Datasheet
661Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.92 GHz, Phase Noise of -87 dBc/Hz and 0.175 inch Package
PE2V009 PASTERNACK-PE2V009 Datasheet
683Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.57 GHz to 4.58 GHz, Phase Noise of -83 dBc/Hz and 0.175 inch Package
PE2V010 PASTERNACK-PE2V010 Datasheet
670Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.4 GHz to 5 GHz, Phase Noise of -85 dBc/Hz and 0.175 inch Package
PE2V011 PASTERNACK-PE2V011 Datasheet
659Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.8 GHz to 5.2 GHz, Phase Noise of -80 dBc/Hz and 0.175 inch Package
PE2V012 PASTERNACK-PE2V012 Datasheet
657Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.8 GHz to 5.7 GHz, Phase Noise of -84 dBc/Hz and 0.175 inch Package
PE2V014 PASTERNACK-PE2V014 Datasheet
656Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 5.4 GHz to 5.9 GHz, Phase Noise of -84 dBc/Hz and 0.175 inch Package
PE2V015 PASTERNACK-PE2V015 Datasheet
588Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 6.1 GHz to 7 GHz, Phase Noise of -76 dBc/Hz and 0.175 inch Package
PE2V018 PASTERNACK-PE2V018 Datasheet
578Kb / 6P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 9 GHz to 10 GHz, Phase Noise of -78 dBc/Hz and 0.175 inch Package
PE2V019 PASTERNACK-PE2V019 Datasheet
578Kb / 6P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 GHz to 11 GHz, Phase Noise of -72 dBc/Hz and 0.175 inch Package
PE1V11021 PASTERNACK-PE1V11021 Datasheet
966Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.5 GHz to2.5 GHz With Phase Noise of -84 dBc/Hz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com