Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMVC11004 Datasheet (PDF) - Infinite Electronics International, Inc.

FMVC11004 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMVC11004
Download  FMVC11004 Download
File Size   866.77 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 40 MHz to 80 MHz, Phase Noise -117 dBc/Hz

FMVC11004 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMVC11004 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMVC11004
Download  FMVC11004 Click to download

File Size   866.77 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 40 MHz to 80 MHz, Phase Noise -117 dBc/Hz

FMVC11004 Datasheet (HTML) - Infinite Electronics International, Inc.


FMVC11004 Product details

Features
• dBc/Hz @ 10 kHz offset.  Supply Voltage is +15V with a generated output power
• level of +12 dBm and 2nd harmonic output of -14 dBc typical.  The assembly is
• RoHs compliant and available in a compact 0.5 inch SMT package with an industry
• standard mounting footprint.  The bottom surface is copper clad with 2-5 micro
• inches of immersion Gold over 150 - 250 micro inches of Electro less Nickel which
• makes it resistant to oxidation for ease of soldering. The VCO operates over a
• temperature range of -40°C to +85°C and is designed to meet a variety of MIL-
• STD-202 test conditions including Humidity, Shock, and Vibration.
Features
• 40 to 80 MHz Bandwidth
• -117 dBc/Hz @ 10kHz offset
• Tuning Voltage 0.0V to 20v
• Pout = +12 dBm
• Harmonics = -14 dBc
• RoHs Compliant Assembly
• 0.5” SMT package
• Industry Standard
• Mounting Footprint
• Designed to meet MIL-STD-202
• Environmental Conditions
• Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
• FMVC11004
• DATA SHEET




Similar Part No. - FMVC11004

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMVC11005 FAIRVIEW-FMVC11005 Datasheet
749Kb / 5P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 40 MHz to 100 MHz, Phase Noise -118 dBc/Hz
REV 1.0
FMVC11008 FAIRVIEW-FMVC11008 Datasheet
864Kb / 7P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 75 MHz to 150 MHz, Phase Noise -110 dBc/Hz
REV 1.0
More results


Similar Description - FMVC11004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11004 PASTERNACK-PE1V11004_16 Datasheet
977Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz, Phase Noise of -117 dBc/Hz and 0.5 inch Package
PE1V11005 PASTERNACK-PE1V11005_16 Datasheet
972Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz, Phase Noise of -118 dBc/Hz and 0.5 inch Package
PE1V11007 PASTERNACK-PE1V11007_16 Datasheet
977Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 60 MHz to 120 MHz, Phase Noise of -114 dBc/Hz and 0.5 inch Package
PE1V11016 PASTERNACK-PE1V11016_16 Datasheet
665Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 600 MHz to 1,000 MHz With Phase Noise of -96 dBc/Hz
PE1V13004 PASTERNACK-PE1V13004 Datasheet
565Kb / 7P
0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz With Phase Noise of -117 dBc/Hz
PE1V15000 PASTERNACK-PE1V15000_16 Datasheet
977Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 305 MHz to 425 MHz, Phase Noise of -117 dBc/Hz and 0.5 inch Package
PE1V11005 PASTERNACK-PE1V11005 Datasheet
972Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz, Phase Noise of -118 dBc/Hz and 0.5 inch Package
PE1V11016 PASTERNACK-PE1V11016 Datasheet
665Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 600 MHz to 1,000 MHz With Phase Noise of -96 dBc/Hz
PE1V13005 PASTERNACK-PE1V13005 Datasheet
553Kb / 7P
0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz With Phase Noise of -118 dBc/Hz
PE1V31003 PASTERNACK-PE1V31003 Datasheet
514Kb / 6P
Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz, Phase Noise of -117 dBc/Hz and SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com