Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMVC11026 Datasheet (PDF) - Infinite Electronics International, Inc.

FMVC11026 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMVC11026
Download  FMVC11026 Download
File Size   742.28 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency Range of 4 GHz to 5 GHz, Phase Noise -78 dBc/Hz

FMVC11026 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMVC11026 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMVC11026
Download  FMVC11026 Click to download

File Size   742.28 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency Range of 4 GHz to 5 GHz, Phase Noise -78 dBc/Hz

FMVC11026 Datasheet (HTML) - Infinite Electronics International, Inc.


FMVC11026 Product details

Features
• -78 dBc/Hz @ 10 kHz offset.  Supply Voltage is +15V with a generated output
• power level of +8.0 dBm and 2nd harmonic output of -18 dBc.  The assembly is
• RoHs compliant and available in a compact 0.5 inch SMT package with an industry
• standard mounting footprint.  The bottom surface is copper clad with 2-5 micro
• inches of immersion Gold over 150 - 250 micro inches of Electro less Nickel which
• makes it resistant to oxidation for ease of soldering. The VCO operates over a
• temperature range of -40°C to +85°C and is designed to meet a variety of MIL-
• STD-202 test conditions including Humidity, Shock, and Vibration.
Features
• 4000 MHz to 5000
• MHz Bandwidth
• -78 dBc/Hz @ 10kHz offset
• Tuning Voltage 0.0V to 15V
• Pout = +8.0 dBm
• Harmonics = -18 dBc
• RoHs Compliant Assembly
• 0.5” SMT package
• Industry Standard
• Mounting Footprint
• Designed to meet MIL-STD-202
• Environmental Conditions
• Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
• FMVC11026
• DATA SHEET




Similar Part No. - FMVC11026

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMVC11021 FAIRVIEW-FMVC11021 Datasheet
796Kb / 5P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 1.5 GHz to 2.5 GHz, Phase Noise -84 dBc/Hz
REV 1.0
FMVC11022 FAIRVIEW-FMVC11022 Datasheet
851Kb / 8P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency Range of 2 GHz to 2.75 GHz, Phase Noise -85 dBc/Hz
REV 1.0
FMVC11027 FAIRVIEW-FMVC11027 Datasheet
740Kb / 5P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency Range of 4.26 GHz to 5 GHz, Phase Noise -79 dBc/Hz
REV 1.0
More results


Similar Description - FMVC11026

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11018 PASTERNACK-PE1V11018_16 Datasheet
669Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz With Phase Noise of -89 dBc/Hz
PE1V11020 PASTERNACK-PE1V11020_16 Datasheet
670Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.5 GHz to 2.1 GHz With Phase Noise of -87 dBc/Hz
PE1V11022 PASTERNACK-PE1V11022_16 Datasheet
657Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2 GHz to 2.75 GHz With Phase Noise of -85 dBc/Hz
PE1V11023 PASTERNACK-PE1V11023_16 Datasheet
670Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.57 GHz to 3.3 GHz With Phase Noise of -82 dBc/Hz
PE1V11024 PASTERNACK-PE1V11024_16 Datasheet
662Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3 GHz to 3.5 GHz With Phase Noise of -81 dBc/Hz
PE1V11025 PASTERNACK-PE1V11025_16 Datasheet
582Kb / 6P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.87 GHz With Phase Noise of -81 dBc/Hz
PE1V11026 PASTERNACK-PE1V11026_16 Datasheet
664Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4 GHz to 5 GHz With Phase Noise of -78 dBc/Hz
PE1V11027 PASTERNACK-PE1V11027 Datasheet
661Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.26 GHz to 5 GHz With Phase Noise of -79 dBc/Hz
PE1V11025 PASTERNACK-PE1V11025 Datasheet
593Kb / 6P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.87 GHz With Phase Noise of -81 dBc/Hz
PE1V11026 PASTERNACK-PE1V11026 Datasheet
664Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4 GHz to 5 GHz With Phase Noise of -78 dBc/Hz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com