Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMVC13001 Datasheet (PDF) - Infinite Electronics International, Inc.

FMVC13001 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMVC13001
Download  FMVC13001 Download
File Size   789.05 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.5 inch Hermetic SMT (Surface Mount), Frequency of 18 MHz to 30 MHz, Phase Noise -120 dBc/Hz

FMVC13001 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMVC13001 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMVC13001
Download  FMVC13001 Click to download

File Size   789.05 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.5 inch Hermetic SMT (Surface Mount), Frequency of 18 MHz to 30 MHz, Phase Noise -120 dBc/Hz

FMVC13001 Datasheet (HTML) - Infinite Electronics International, Inc.


FMVC13001 Product details

Features
• -120 dBc/Hz @ 10 kHz offset.  Supply Voltage is +12V with a generated output
• power level of +12.0 dBm and 2nd harmonic output of -13 dBc typical.  The
• assembly is RoHs compliant and available in a hermetically sealed 0.5” surface
• mount package with exposed leads that MIL-STD-883, Method 1014 fine & Gross
• leak conditions.  This rugged package operates over a temperature range of -40°C
• to +85°C and is designed to also meet a variety of MIL-STD-202 test conditions
• including Humidity, Shock, and Vibration.
Features
• 18 to 30 MHz Bandwidth
• -120 dBc/Hz @ 10kHz offset
• Tuning Voltage 0V to 12V
• Pout = +12 dBm
• Harmonics = -13 dBm
• RoHs Compliant Assembly
• Hermetically Sealed
• Rugged SMT Package
• Designed to meet Fine
• & Gross leak per MIL-
• STD-883 Method 1014
• Designed to meet MIL-STD-202
• Environmental Conditions
• Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
• FMVC13001
• DATA SHEET




Similar Part No. - FMVC13001

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMVC13013 FAIRVIEW-FMVC13013 Datasheet
738Kb / 5P
VCO (Voltage Controlled Oscillator) 0.5 inch Hermetic SMT (Surface Mount), Frequency of 1.2 GHz to 1.8 GHz, Phase Noise -89 dBc/Hz
REV 1.0
More results


Similar Description - FMVC13001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11001 PASTERNACK-PE1V11001_16 Datasheet
974Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 18 MHz to 30 MHz, Phase Noise of -120 dBc/Hz and 0.5 inch Package
PE1V11007 PASTERNACK-PE1V11007_16 Datasheet
977Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 60 MHz to 120 MHz, Phase Noise of -114 dBc/Hz and 0.5 inch Package
PE1V13000 PASTERNACK-PE1V13000_16 Datasheet
558Kb / 7P
0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 MHz to 20 MHz With Phase Noise of -120 dBc/Hz
PE1V13001 PASTERNACK-PE1V13001 Datasheet
554Kb / 7P
0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 18 MHz to 30 MHz With Phase Noise of -120 dBc/Hz
PE1V13002 PASTERNACK-PE1V13002 Datasheet
564Kb / 7P
0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 25 MHz to 50 MHz With Phase Noise of -114 dBc/Hz
PE1V13004 PASTERNACK-PE1V13004 Datasheet
565Kb / 7P
0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz With Phase Noise of -117 dBc/Hz
PE1V13007 PASTERNACK-PE1V13007 Datasheet
555Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 60 MHz to 120 MHz, Phase Noise of -114 dBc/Hz and 0.5 inch Hermetic Package
PE1V13009 PASTERNACK-PE1V13009 Datasheet
576Kb / 7P
0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 100 MHz to 200 MHz With Phase Noise of -113 dBc/Hz
PE1V13003 PASTERNACK-PE1V13003 Datasheet
558Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 30 MHz to 60 MHz, Phase Noise of -119 dBc/Hz and 0.5 inch Hermetic Package
PE1V13005 PASTERNACK-PE1V13005 Datasheet
553Kb / 7P
0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz With Phase Noise of -118 dBc/Hz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com