Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMVC31023 Datasheet (PDF) - Infinite Electronics International, Inc.

FMVC31023 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMVC31023
Download  FMVC31023 Download
File Size   641.29 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Voltage Controlled Oscillator, 1700 MHz to 1850 MHz, Pout 0 dBm, Phase Noise of -96 dBc/Hz, 0.5V to 4.5V Tuning Range, SMA

FMVC31023 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMVC31023 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMVC31023
Download  FMVC31023 Click to download

File Size   641.29 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Voltage Controlled Oscillator, 1700 MHz to 1850 MHz, Pout 0 dBm, Phase Noise of -96 dBc/Hz, 0.5V to 4.5V Tuning Range, SMA

FMVC31023 Datasheet (HTML) - Infinite Electronics International, Inc.


FMVC31023 Product details

Features
• Voltage Controlled Oscillator
• 1700 MHz to 1850 MHz
• 0.5V to 4.5V Tuning Voltage
• Pout: 0 dBm
• Phase Noise: -96 dBc/Hz
• 2nd Harmonic Suppression:
• -15 dBc typ
• Tuning Sensitivity: 70 MHz/V
• +12 Volt DC Bias
• SMA Female Connectors
• -40°C to +85°C Operating
• Temperature
• 50 Ohm Design
• Internal Voltage Regulation
• Reverse DC Protection
• Rugged Package Design meets
• Mil-STD-202 Test Conditions
• Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillators
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
• FMVC31023
• DATA SHEET




Similar Part No. - FMVC31023

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMVC31021 FAIRVIEW-FMVC31021 Datasheet
643Kb / 4P
Voltage Controlled Oscillator, 1435 MHz to 1650 MHz, Pout 7 dBm, Phase Noise of -90 dBc/Hz, 0.5V to 5.0V Tuning Range, SMA
REV 1.0A
FMVC31024 FAIRVIEW-FMVC31024 Datasheet
641Kb / 4P
Voltage Controlled Oscillator, 2165 MHz to 2360 MHz, Pout 5 dBm, Phase Noise of -99 dBc/Hz, 0.5V to 10V Tuning Range, SMA
REV 1.0A
FMVC31025 FAIRVIEW-FMVC31025 Datasheet
640Kb / 4P
Voltage Controlled Oscillator, 2300 MHz to 2450 MHz, Pout 3 dBm, Phase Noise of -101 dBc/ Hz, 0.5V to 4.5V Tuning Range, SMA
REV 1.0A
FMVC31026 FAIRVIEW-FMVC31026 Datasheet
640Kb / 4P
Voltage Controlled Oscillator, 2400 MHz to 2800 MHz, Pout 9 dBm, Phase Noise of -92 dBc/Hz, 1V to 11V Tuning Range, SMA
REV 1.0A
FMVC31027 FAIRVIEW-FMVC31027 Datasheet
640Kb / 4P
Voltage Controlled Oscillator, 3300 MHz to 3400 MHz, Pout 5 dBm, Phase Noise of -88 dBc/Hz, 0.5V to 4.5V Tuning Range, SMA
REV 1.0A
More results


Similar Description - FMVC31023

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11014 PASTERNACK-PE1V11014_16 Datasheet
972Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -96 dBc/Hz and 0.5 inch Package
PE1V11016 PASTERNACK-PE1V11016_16 Datasheet
665Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 600 MHz to 1,000 MHz With Phase Noise of -96 dBc/Hz
PE1V11014 PASTERNACK-PE1V11014 Datasheet
972Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -96 dBc/Hz and 0.5 inch Package
PE1V11016 PASTERNACK-PE1V11016 Datasheet
665Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 600 MHz to 1,000 MHz With Phase Noise of -96 dBc/Hz
PE1V31002 PASTERNACK-PE1V31002 Datasheet
504Kb / 6P
Voltage Controlled Oscillator (VCO) From 30 MHz to 60 MHz, Phase Noise of -119 dBc/Hz and SMA
PE1V31003 PASTERNACK-PE1V31003 Datasheet
514Kb / 6P
Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz, Phase Noise of -117 dBc/Hz and SMA
PE1V31004 PASTERNACK-PE1V31004 Datasheet
515Kb / 6P
Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz, Phase Noise of -118 dBc/Hz and SMA
PE1V31005 PASTERNACK-PE1V31005 Datasheet
513Kb / 6P
Voltage Controlled Oscillator (VCO) From 50 MHz to 100 MHz, Phase Noise of -115 dBc/Hz and SMA
PE1V31009 PASTERNACK-PE1V31009 Datasheet
438Kb / 5P
Voltage Controlled Oscillator (VCO) From 200 MHz to 400 MHz, Phase Noise of -106 dBc/Hz and SMA
PE1V31010 PASTERNACK-PE1V31010 Datasheet
518Kb / 6P
Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -94 dBc/Hz and SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com