Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMVC34003 Datasheet (PDF) - Infinite Electronics International, Inc.

FMVC34003 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMVC34003
Download  FMVC34003 Download
File Size   662.94 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) Hi-REL Hermetic Frequency of 38.4 GHz to 43.2 GHz, Phase Noise -98 dBc/Hz and 2.4mm

FMVC34003 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMVC34003 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMVC34003
Download  FMVC34003 Click to download

File Size   662.94 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) Hi-REL Hermetic Frequency of 38.4 GHz to 43.2 GHz, Phase Noise -98 dBc/Hz and 2.4mm

FMVC34003 Datasheet (HTML) - Infinite Electronics International, Inc.


FMVC34003 Product details

Features
• VCO Module with Integrated
• Buffer Amplifier
• GaAs MMIC Technology
• Wide Tuning Bandwidth
• Vtune Range 0V to +13V
• Output Power +13 dBm
• SSB Phase Noise -98 dBc/
• Hz @100Hz offset
• Single Positive Supply +5V
• Regulated Voltage Supply
• Hermetically Sealed Module
• Mil Spec Compliant
• Field Replaceable
• 2.4mm Connectors
• -55°C to +85°C Operating
• Temperature
• Applications:
• Electronic Warfare
• Electronic Countermeasures
• Microwave Radio
• Radar
• Industrial
• Medical Equipment
• Test Instrumentation
• Lab Instrumentation
• FMVC34003
• DATA SHEET




Similar Part No. - FMVC34003

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMVC31015 FAIRVIEW-FMVC31015 Datasheet
639Kb / 4P
Voltage Controlled Oscillator, 230 MHz to 290 MHz, Pout 2 dBm, Phase Noise of -107 dBc/Hz, 0.5V to 4.5V Tuning Range, SMA
REV 1.0A
FMVC31016 FAIRVIEW-FMVC31016 Datasheet
639Kb / 4P
Voltage Controlled Oscillator, 500 MHz to 600 MHz, Pout -2 dBm, Phase Noise of -105 dBc/Hz, 0.5V to 4.5V Tuning Range, SMA
REV 1.0A
FMVC31017 FAIRVIEW-FMVC31017 Datasheet
642Kb / 4P
Voltage Controlled Oscillator, 620 MHz to 660 MHz, Pout 0 dBm, Phase Noise of -110 dBc/Hz, 0.5V to 4.5V Tuning Range, SMA
REV 1.0A
FMVC31018 FAIRVIEW-FMVC31018 Datasheet
641Kb / 4P
Voltage Controlled Oscillator, 850 MHz to 890 MHz, Pout 8 dBm, Phase Noise of -99 dBc/Hz, 0V to 5V Tuning Range, SMA
REV 1.0A
FMVC31019 FAIRVIEW-FMVC31019 Datasheet
643Kb / 4P
Voltage Controlled Oscillator, 900 MHz to 960 MHz, Pout 5.5 dBm, Phase Noise of -110 dBc/Hz, 0.5V to 4.0V Tuning Range, SMA
REV 1.0A
More results


Similar Description - FMVC34003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V14009 PASTERNACK-PE1V14009_16 Datasheet
974Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.13 GHz to 4.35 GHz, Phase Noise of -98 dBc/Hz and 0.5 inch Package
PE1V14010 PASTERNACK-PE1V14010_16 Datasheet
967Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.77 GHz to 5.01 GHz, Phase Noise of -98 dBc/Hz and 0.5 inch Package
PE1V13013 PASTERNACK-PE1V13013 Datasheet
557Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz, Phase Noise of -89 dBc/Hz and 0.5 inch Hermetic Package
PE1V31011 PASTERNACK-PE1V31011 Datasheet
490Kb / 6P
Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz, Phase Noise of -89 dBc/Hz and SMA
PE1V31012 PASTERNACK-PE1V31012 Datasheet
432Kb / 5P
Voltage Controlled Oscillator (VCO) From 1.6 GHz to 3.2 GHz, Phase Noise of -89 dBc/Hz and SMA
PE1V31013 PASTERNACK-PE1V31013 Datasheet
482Kb / 6P
Voltage Controlled Oscillator (VCO) From 3 GHz to 3.5 GHz, Phase Noise of -81 dBc/Hz and SMA
PE1V34000 PASTERNACK-PE1V34000 Datasheet
477Kb / 7P
Voltage Controlled Oscillator (VCO) From 4 GHz to 8 GHz, Phase Noise of -95 dBc/Hz and SMA
PE1V34001 PASTERNACK-PE1V34001 Datasheet
474Kb / 7P
Voltage Controlled Oscillator (VCO) From 5 GHz to 10 GHz, Phase Noise of -93 dBc/Hz and SMA
PE1V34002 PASTERNACK-PE1V34002 Datasheet
480Kb / 7P
Voltage Controlled Oscillator (VCO) From 8 GHz to 12.5 GHz, Phase Noise of -83 dBc/Hz and SMA
PE1V34003 PASTERNACK-PE1V34003 Datasheet
491Kb / 7P
Voltage Controlled Oscillator (VCO) From 38.4 GHz to 43.2 GHz, Phase Noise of -98 dBc/Hz and 2.4mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com