Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV204T-US Datasheet (PDF) - Infinite Electronics International, Inc.

AV204T-US Datasheet PDF - Infinite Electronics International, Inc.
Part # AV204T-US
Download  AV204T-US Download
File Size   348.61 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description High density, small form factor audio, video and RS232 distribution

AV204T-US Datasheet (PDF)

Go To PDF Page Download Datasheet
AV204T-US Datasheet PDF - Infinite Electronics International, Inc.

Part # AV204T-US
Download  AV204T-US Click to download

File Size   348.61 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description High density, small form factor audio, video and RS232 distribution

AV204T-US Datasheet (HTML) - Infinite Electronics International, Inc.


AV204T-US Product details

FEATURES
Video performance
Industry leading resolutions of 1600x1200
are achievableat 200m (650ft) and
1280x1024 at 300m (1000ft).

Display Management via RS232
Included with AV200 transmitters, the
Display Management Software gives
users control and interaction with display
devices over the integrated RS232
ports. This allows for bi-directional and
automated communication with individual
screens, groups of screens or all screens
at the same time.

Video compensation and brightness
control
The ADDERLink AV units can apply a
high level of signal compensation and
brightness correction that ensures the
image is crisp, clear and bright over long
distances.

Audio
Digital audio transmission delivers high
fidelity; click-less audio for speakers and
microphones.

Integrated DeSkew
The ADDERLink AV201R has integrated
skew correction with a 300MHz
bandwidth, meaning that it is more than
powerful enough to counteract the
negative effects of the skew.

Rack options
Both transmitter and receiver units can
be used standalone or can be mounted
into a 3U chassis, (up to 16 200T, 200R
and 201T units or 8 204T and 208T units).

The Adder Difference
With 25 years of experience, Adder has
an impressive track record for bringing
innovative and successful products to
market and a reputation for engineering
excellence. Adder’s Digital Signage
solutions give you the simplicity you need
to get installations done on time and on
budget.

Adder’s solutions offer a no-nonsense
straightforward approach to Digital
Signage installation and configuration.
The AV Series is ideal for use in a variety
of multimedia venues:
• Retail
• Hospitality
• Medical
• Education
• Transportation




Similar Part No. - AV204T-US

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AV204T L-COM-AV204T Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV204T L-COM-AV204T Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV204T L-COM-AV204T Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV204T L-COM-AV204T Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV204T L-COM-AV204T Datasheet
823Kb / 2P
ADDERLink AV102T
More results


Similar Description - AV204T-US

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-10259 TEC-408-10259 Datasheet
92Kb / 3P
Small Form-Factor Pluggable (SFP) and zSFP
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
Small Form-Factor Pluggable
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
Small Form-Factor Pluggable
408-32163 TEC-408-32163 Datasheet
409Kb / 4P
Enhanced Small Form-Factor
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
Small Form Factor CRB
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
Small Form Factor CRB
February 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com