Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KR-DMLS31-23 Datasheet (PDF) - ams-OSRAM AG

KR-DMLS31-23 Datasheet PDF - ams-OSRAM AG
Part # KR-DMLS31-23
Download  KR-DMLS31-23 Download
File Size   1899.91 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SYNIOS™ P2720

KR-DMLS31-23 Datasheet (PDF)

Go To PDF Page Download Datasheet
KR-DMLS31-23 Datasheet PDF - ams-OSRAM AG

Part # KR-DMLS31-23
Download  KR-DMLS31-23 Click to download

File Size   1899.91 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SYNIOS™ P2720

KR-DMLS31-23 Datasheet (HTML) - ams-OSRAM AG


KR-DMLS31-23 Product details

Applications
- Car body illumination
- Ground illumination
- Rear combination light
Features
- Package: SMD epoxy package
- Chip technology: Thinfilm
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 621 nm (● red)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - KR-DMLS31-23

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KR-DMLS31-23-DUAL-BINNING AMSOSRAM-KR-DMLS31-23-DUAL-BINNING Datasheet
1Mb / 24P
SYNIOS® P2720
Version 1.5 2023-02-10
More results


Similar Description - KR-DMLS31-23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KSDMLN31.23 OSRAM-KSDMLN31.23 Datasheet
667Kb / 22P
SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23 Datasheet
687Kb / 22P
SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23_18 Datasheet
732Kb / 23P
SYNIOS P2720
KWDMLS31.SG OSRAM-KWDMLS31.SG Datasheet
791Kb / 23P
SYNIOS P2720
KYDMLN31.23 OSRAM-KYDMLN31.23 Datasheet
666Kb / 22P
SYNIOS P2720
KYDMLN31.FY OSRAM-KYDMLN31.FY Datasheet
704Kb / 23P
SYNIOS P2720
KYDMLQ31.23 OSRAM-KYDMLQ31.23 Datasheet
687Kb / 22P
SYNIOS P2720
KYDMLS31.23 OSRAM-KYDMLS31.23 Datasheet
703Kb / 22P
SYNIOS P2720
KYDMLS31.FY OSRAM-KYDMLS31.FY Datasheet
745Kb / 23P
SYNIOS P2720
SFH4775S OSRAM-SFH4775S Datasheet
503Kb / 13P
IR SYNIOS P2720
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com