Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRBT-QDLP61-3A Datasheet (PDF) - ams-OSRAM AG

KRBT-QDLP61-3A Datasheet PDF - ams-OSRAM AG
Part # KRBT-QDLP61-3A
Download  KRBT-QDLP61-3A Download
File Size   2640.4 Kbytes
Page   30 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Micro SIDELED™ M4518

KRBT-QDLP61-3A Datasheet (PDF)

Go To PDF Page Download Datasheet
KRBT-QDLP61-3A Datasheet PDF - ams-OSRAM AG

Part # KRBT-QDLP61-3A
Download  KRBT-QDLP61-3A Click to download

File Size   2640.4 Kbytes
Page   30 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Micro SIDELED™ M4518

KRBT-QDLP61-3A Datasheet (HTML) - ams-OSRAM AG


KRBT-QDLP61-3A Product details

Applications
- Access control & security
- Factory automation
- Home & building automation
- Material processing
- Projection & display
- Robotics
Features
- Chip technology: Thinfilm / UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 621 nm (● red); λdom = 464 nm (● blue); λdom = 530 nm (● true green)
- Corrosion Robustness Class: 1B
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Package: SMD package with silicone resin
- Color: x = 0.245, y = 0.23 acc. to CIE 1931 (white)
- Typ. Luminous Intensity: 2450 mcd (white), 700 mcd (red), 350 mcd (blue), 1400 mcd (true green)





Similar Part No. - KRBT-QDLP61-3A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KRBT-QDLP61.3A OSRAM-KRBT-QDLP61.3A Datasheet
1Mb / 25P
SMD-Geh채use mit Silikonverguss
More results


Similar Description - KRBT-QDLP61-3A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-Y876-Q2S1-1-Z OSRAM-LS-Y876-Q2S1-1-Z Datasheet
501Kb / 20P
Micro SIDELED 3010
LW-Y1SG-BFCF-EKFM OSRAM-LW-Y1SG-BFCF-EKFM Datasheet
551Kb / 22P
Micro SIDELED 2808
LW-Y87C-T1U1-3K8L OSRAM-LW-Y87C-T1U1-3K8L Datasheet
607Kb / 22P
Micro SIDELED 3010
LY-Y876-Q2T1-26-Z OSRAM-LY-Y876-Q2T1-26-Z Datasheet
504Kb / 20P
Micro SIDELED 3010
LBY8SG OSRAM-LBY8SG Datasheet
611Kb / 21P
Micro SIDELED
LSY876 OSRAM-LSY876_14 Datasheet
501Kb / 20P
Micro SIDELED 3010
LTY87S OSRAM-LTY87S_17 Datasheet
590Kb / 21P
Micro SIDELED 3010
LYY8SF OSRAM-LYY8SF Datasheet
981Kb / 22P
Micro SIDELED
LWY1SG OSRAM-LWY1SG_15 Datasheet
551Kb / 22P
Micro SIDELED 2808
LYY876 OSRAM-LYY876 Datasheet
504Kb / 20P
Micro SIDELED 3010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com