Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4S5G Datasheet (PDF) - Speco Technologies.

P4S5G Datasheet PDF - Speco Technologies.
Part # P4S5G
Download  P4S5G Download
File Size   1177.41 Kbytes
Page   3 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description WHU 4K IP & 4K HD-TVI Wall Mount Hybrid Video Recorder

P4S5G Datasheet (PDF)

Go To PDF Page Download Datasheet
P4S5G Datasheet PDF - Speco Technologies.

Part # P4S5G
Download  P4S5G Click to download

File Size   1177.41 Kbytes
Page   3 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description WHU 4K IP & 4K HD-TVI Wall Mount Hybrid Video Recorder

P4S5G Datasheet (HTML) - Speco Technologies.


P4S5G Product details

Key Features
EZ Wizards - For ease of use and setup
Camera: quickly discover and install Speco IP cameras
Setup: for quick setup of general settings
Network: network setup and port forwarding
Record: quickly setup recording resolutions and recording type
Search: quickly search for events from thumbnails
Copy: quickly copy what you are playing onto a USB flash drive
•Up to 8MP over coax (HD-TVI) and IP
•Video out: 1 HDMI, 1 VGA, 1 Main, Spot, Looping outputs
•Each channel is configurable for either IP or HD-TVI
•H.264 video compression
•Networkable with free US-Based Speco DDNS service
•Programmable recording on motion detecton, sensor, schedule,
continuous and manual modes
•Up to 40TB storage from 4 internal SATA ports
•RAID 1/5/10 support, RAID maximum capacity 16TB
•eSATA port for additional storage
•Event video upload to Google™ Drive
•Dual Gigabit Ethernet ports to separate camera and LAN traffic
•Smart (Museum) Search - Quickly search for a specific video event
without the need for motion setup
•Switch between low and high quality stream during simultaneous
continuous + motion + sensor recording modes for storage optimization
•Remote monitoring/recording/playback/configuration/software
upgrades and PTZ control via internet
Additional Features
•Instant playback allows for playback of 1 channel while the rest stays in Live mode
•Plug & play feature with Speco’s IP cameras
•Signal distance up to 1600 feet1
•Mass alert notification via Twitter
•2-way audio communication via local and IP camera audio service
•HTTPS – support for third party SSL certificates.
•Built-in S.M.A.R.T. Technology (Self-Monitoring, Analysis and Reporting
Technology for HDD)
•Easy firmware upgrade by USB port or network
•Network software supports Static IP, DHCP and DDNS
•Network accessible via SpecoTech Multi-Client Software, SecureGuard® VMS,
Internet Explorer Web-Viewer and Speco Player Mobile Viewer
•PC and MAC® compatible
•IR remote control & mouse included




Similar Part No. - P4S5G

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
P4S5G SPECO-P4S5G Datasheet
1Mb / 2P
HU 4K IP & 4K HD-TVI Hybrid Video Recorder
4/25/22
More results


Similar Description - P4S5G

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B118004UHDWM TRIPPLITE-B118004UHDWM Datasheet
507Kb / 2P
4-Port Wall-Mountable 4K HDMI Splitter for Ultra-HD (4Kx2K) Video and Audio - 3840x2160
logo
Advantech Co., Ltd.
NVS-140 ADVANTECH-NVS-140_15 Datasheet
553Kb / 2P
Rugged IP Video Recorder with PoE Switch
NVS-150 ADVANTECH-NVS-150_14 Datasheet
451Kb / 2P
Compact IP Video Recorder with PoE Switch
logo
HiSilicon(Shanghai) Tec...
HI3519A HISILICON-HI3519A Datasheet
260Kb / 11P
V100 4K Smart IP Camera SoC
logo
Analogix Semiconductor,...
ANX7530 ANALOGIX-ANX7530 Datasheet
183Kb / 2P
SlimPort짰 (4K Ultra-HD) Receiver
logo
IOGEAR
GWKIT4K IOGEAR-GWKIT4K Datasheet
160Kb / 3P
4K Wireless HD TV Connection Kit
logo
Advantech Co., Ltd.
VEGA-1200 ADVANTECH-VEGA-1200 Datasheet
336Kb / 2P
4K SDVoE Hybrid Encoder/Recorder
14-Sep-2022
logo
Digital View Ltd
DT-4096 DIGITALVIEW-DT-4096 Datasheet
903Kb / 2P
4K Ultra-HD LCD Controller
SVX-4096-120 DIGITALVIEW-SVX-4096-120 Datasheet
992Kb / 2P
4K Ultra-HD LCD Controller
Dec 2016 v1.0
SVX-4096 DIGITALVIEW-SVX-4096 Datasheet
770Kb / 2P
4K Ultra-HD LCD Controller
April 2016 v1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com