Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK48T02 Datasheet (PDF) - STMicroelectronics

MK48T02 Datasheet PDF - STMicroelectronics
Part # MK48T02
Download  MK48T02 Download
File Size   922.47 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CMOS 2K x 8 TIMEKEEPER SRAM

MK48T02 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK48T02 Datasheet PDF - STMicroelectronics

Part # MK48T02
Download  MK48T02 Click to download

File Size   922.47 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CMOS 2K x 8 TIMEKEEPER SRAM

MK48T02 Datasheet (HTML) - STMicroelectronics


MK48T02 Product details

CMOS 2K x 8 TIMEKEEPER SRAM




Similar Part No. - MK48T02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
1K x 8-BIT STATIC RAM
MK4801A-1 ETC1-MK4801A-1 Datasheet
236Kb / 5P
1K x 8-BIT STATIC RAM
MK4801A-2 ETC1-MK4801A-2 Datasheet
236Kb / 5P
1K x 8-BIT STATIC RAM
MK4801A-3 ETC1-MK4801A-3 Datasheet
236Kb / 5P
1K x 8-BIT STATIC RAM
MK4801A-4 ETC1-MK4801A-4 Datasheet
236Kb / 5P
1K x 8-BIT STATIC RAM
More results


Similar Description - MK48T02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK48Z02 STMICROELECTRONICS-MK48Z02 Datasheet
556Kb / 11P
CMOS 2K x 8 XEROPOWER SRAM
Feb-1992
logo
List of Unclassifed Man...
HM0-6116-2 ETC-HM0-6116-2 Datasheet
228Kb / 8P
2K X 8 GENERAL PURPOSE CMOS SRAM
logo
UMC Corporation
UM6116-2 UMC-UM6116-2 Datasheet
498Kb / 8P
2K x 8 CMOS SRAM
UM6116-25 UMC-UM6116-25 Datasheet
375Kb / 6P
2K x 8 High Speed CMOS SRAM
UM6116-V UMC-UM6116-V Datasheet
311Kb / 7P
WIDE VOLTAGE 2K x 8 CMOS SRAM
logo
STMicroelectronics
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
CMOS 32K x 8 TIMEKEEPER SRAM
Jul-1995
logo
List of Unclassifed Man...
HY6116A ETC1-HY6116A Datasheet
379Kb / 11P
2K X 8-bit CMOS SRAM
logo
STMicroelectronics
M48T08 STMICROELECTRONICS-M48T08 Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
logo
List of Unclassifed Man...
FT6116 ETC1-FT6116 Datasheet
289Kb / 11P
2K X 8 CMOS SRAM
HM3-6116-9 ETC1-HM3-6116-9 Datasheet
227Kb / 8P
2K x 8 GENERAL PURPOSE CMOS SRAM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com