Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP0208-3 Datasheet (PDF) - Infinite Electronics International, Inc.

MP0208-3 Datasheet PDF - Infinite Electronics International, Inc.
Part # MP0208-3
Download  MP0208-3 Download
File Size   459.89 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 3 Way Power Divider SMA Connectors From 2 GHz to 8 GHz Rated at 30 Watts

MP0208-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP0208-3 Datasheet PDF - Infinite Electronics International, Inc.

Part # MP0208-3
Download  MP0208-3 Click to download

File Size   459.89 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 3 Way Power Divider SMA Connectors From 2 GHz to 8 GHz Rated at 30 Watts

MP0208-3 Datasheet (HTML) - Infinite Electronics International, Inc.


MP0208-3 Product details

Features
• Input Connector: SMA Female
• Output Connectors: SMA Female
• Frequency Range: 2 to 8 GHz
• Design: Wilkinson
• Number of Output Ports: 3
• Housing Material and Plating:
• Aluminum, Gray
• MP0208-3
• DATA SHEET




Similar Part No. - MP0208-3

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MP0208-2 FAIRVIEW-MP0208-2 Datasheet
480Kb / 3P
2 Way Power Divider SMA Connectors From 2 GHz to 8 GHz Rated at 30 Watts
REV 2.3
MP0208-4 FAIRVIEW-MP0208-4 Datasheet
604Kb / 3P
4 Way Power Divider SMA Connectors From 2 GHz to 8 GHz Rated at 30 Watts
REV 2.1
MP0208-6 FAIRVIEW-MP0208-6 Datasheet
486Kb / 3P
6 Way Power Divider SMA Connectors From 2 GHz to 8 GHz Rated at 30 Watts
REV 2.0
MP0208-8 FAIRVIEW-MP0208-8 Datasheet
492Kb / 3P
8 Way Power Divider SMA Connectors From 2 GHz to 8 GHz Rated at 30 Watts
REV 1.1
More results


Similar Description - MP0208-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2026 PASTERNACK-PE2026 Datasheet
245Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2031 PASTERNACK-PE2031 Datasheet
458Kb / 2P
50 Ohm 4 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2077 PASTERNACK-PE2077 Datasheet
251Kb / 3P
50 Ohm 2 Way 2.92mm Power Divider From 10 GHz to 40 GHz Rated at 12 Watts
PE2079 PASTERNACK-PE2079 Datasheet
241Kb / 3P
50 Ohm 2 Way 2.4mm Power Divider From 10 GHz to 50 GHz Rated at 10 Watts
PE2080 PASTERNACK-PE2080 Datasheet
234Kb / 2P
50 Ohm 2 Way SMA Power Divider From 4 GHz to 8 GHz Rated at 10 Watts
PE2081 PASTERNACK-PE2081 Datasheet
236Kb / 2P
50 Ohm 2 Way SMA Power Divider From 7 GHz to 12.4 GHz Rated at 10 Watts
PE2082 PASTERNACK-PE2082 Datasheet
203Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 6 GHz Rated at 2 Watts
PE2084 PASTERNACK-PE2084 Datasheet
244Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 18 GHz Rated at 1 Watts
PE2096 PASTERNACK-PE2096 Datasheet
334Kb / 2P
50 Ohm 2 Way SMA Wilkinson Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com