Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17005 Datasheet (PDF) - Maxim Integrated Products

MAX17005 Datasheet PDF - Maxim Integrated Products
Part # MAX17005
Download  MAX17005 Download
File Size   453.04 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.2MHz Low-Cost, High-Performance Chargers

MAX17005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17005 Datasheet PDF - Maxim Integrated Products

Part # MAX17005
Download  MAX17005 Click to download

File Size   453.04 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.2MHz Low-Cost, High-Performance Chargers

MAX17005 Datasheet (HTML) - Maxim Integrated Products


MAX17005 Product details

General Description

The MAX17005/MAX17006/MAX17015 are high-frequency multichemistry battery chargers. These circuits feature a new high-frequency current-mode architecture that significantly reduces component size and cost*. The charger uses a high-side MOSFET with n-channel synchronous rectifier. Widely adjustable charge current, charge voltage, and input current limit simplify the construction of highly accurate and efficient chargers.



Features

♦High Switching Frequency (1.2MHz)

♦Controlled Inductor Current-Ripple Architecture

  Reduced BOM Cost

  Small Inductor and Output Capacitors

♦±0.4% Accurate Charge Voltage

♦±2.5% Accurate Input-Current Limiting

♦±3% Accurate Charge Current

♦Single-Point Compensation

♦Monitor Outputs for

  ±2.5% Accurate Input Current Limit

  ±2.5% Battery Discharge Current(MAX17015 only)

  AC Adapter Detection

♦Analog/PWM Adjustable Charge-Current Setting

♦Battery Voltage Adjustable for 3 and 4 Cells

  (MAX17005) or 2 and 3 Cells (MAX17006)

♦Adjustable Battery Voltage (4.2V to 4.4V/Cell)

♦Cycle-by-Cycle Current Limit

  Battery Short-Circuit Protection

  Fast Response for Pulse Charging

  Fast System-Load-Transient Response

♦Programmable Charge Current < 5A

♦Automatic System Power Source Selection with n-Channel MOSFET

♦Internal Boost Diode

♦+8V to +26V Input Voltage Range



Applications

Notebook Computers

Tablet PCs

Portable Equipment with Rechargeable Batteries




Similar Part No. - MAX17005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17005A MAXIM-MAX17005A Datasheet
304Kb / 23P
1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 10/08
MAX17005AETP+ MAXIM-MAX17005AETP+ Datasheet
304Kb / 23P
1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 10/08
MAX17005B MAXIM-MAX17005B Datasheet
302Kb / 21P
1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 4/09
MAX17005BETP+ MAXIM-MAX17005BETP+ Datasheet
302Kb / 21P
1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 4/09
More results


Similar Description - MAX17005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX17005A MAXIM-MAX17005A Datasheet
304Kb / 23P
1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 10/08
MAX17005B MAXIM-MAX17005B Datasheet
302Kb / 21P
1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 4/09
MAX17035 MAXIM-MAX17035 Datasheet
2Mb / 27P
High-Frequency, Low-Cost SMBus Chargers
Rev 0; 7/09
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
logo
List of Unclassifed Man...
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
Low cost, high performance , high reliability
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
Low cost, high performance , high reliability
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
Low Cost / High Performance
logo
Maxim Integrated Produc...
MAX17435 MAXIM-MAX17435 Datasheet
2Mb / 28P
High-Frequency, Low-Cost SMBus Chargers
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com