Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR03-3 Datasheet (PDF) - Infinite Electronics International, Inc.

MPR03-3 Datasheet PDF - Infinite Electronics International, Inc.
Part # MPR03-3
Download  MPR03-3 Download
File Size   473.29 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 3 Way Power Divider SMA Connectors Resistive From DC to 3 GHz Rated at 1 Watts

MPR03-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPR03-3 Datasheet PDF - Infinite Electronics International, Inc.

Part # MPR03-3
Download  MPR03-3 Click to download

File Size   473.29 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 3 Way Power Divider SMA Connectors Resistive From DC to 3 GHz Rated at 1 Watts

MPR03-3 Datasheet (HTML) - Infinite Electronics International, Inc.


MPR03-3 Product details

Features
• 3-Way Power Divider
• Resistive Design
• DC to 3 GHz Frequency Range
• Max Power 1 Watt (CW)
• Insertion Loss 9.5 dB Typ
• Applications:
• Test and Measurement
• Military Communications
• Commercial Communications
• Wireless Communications
• SATCOM
• MPR03-3
• DATA SHEET




Similar Part No. - MPR03-3

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MPR03-2 FAIRVIEW-MPR03-2 Datasheet
467Kb / 3P
2 Way Power Divider SMA Connectors Resistive From DC to 4 GHz Rated at 1 Watts
REV 4.1
MPR03-4 FAIRVIEW-MPR03-4 Datasheet
560Kb / 3P
4 Way Power Divider SMA Connectors Resistive From DC to 3 GHz Rated at 1 Watts
REV 5.0B
More results


Similar Description - MPR03-3

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-292 JFW-50PD-292 Datasheet
26Kb / 1P
3 WAY RESISTIVE POWER DIVIDER
logo
Pasternack Enterprises,...
PE2026 PASTERNACK-PE2026 Datasheet
245Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2031 PASTERNACK-PE2031 Datasheet
458Kb / 2P
50 Ohm 4 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2080 PASTERNACK-PE2080 Datasheet
234Kb / 2P
50 Ohm 2 Way SMA Power Divider From 4 GHz to 8 GHz Rated at 10 Watts
PE2081 PASTERNACK-PE2081 Datasheet
236Kb / 2P
50 Ohm 2 Way SMA Power Divider From 7 GHz to 12.4 GHz Rated at 10 Watts
PE2082 PASTERNACK-PE2082 Datasheet
203Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 6 GHz Rated at 2 Watts
PE2083 PASTERNACK-PE2083 Datasheet
243Kb / 3P
50 Ohm 2 Way 2.92mm Resistive Power Divider From DC to 26.5 GHz Rated at 1 Watts
PE2084 PASTERNACK-PE2084 Datasheet
244Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 18 GHz Rated at 1 Watts
PE2096 PASTERNACK-PE2096 Datasheet
334Kb / 2P
50 Ohm 2 Way SMA Wilkinson Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com