Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR26-2A Datasheet (PDF) - Infinite Electronics International, Inc.

MPR26-2A Datasheet PDF - Infinite Electronics International, Inc.
Part # MPR26-2A
Download  MPR26-2A Download
File Size   334.14 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2 Way Power Divider 3.5mm Connectors To 26.5 GHz Rated at 1 Watts

MPR26-2A Datasheet (PDF)

Go To PDF Page Download Datasheet
MPR26-2A Datasheet PDF - Infinite Electronics International, Inc.

Part # MPR26-2A
Download  MPR26-2A Click to download

File Size   334.14 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2 Way Power Divider 3.5mm Connectors To 26.5 GHz Rated at 1 Watts

MPR26-2A Datasheet (HTML) - Infinite Electronics International, Inc.


MPR26-2A Product details

Features
• 2-Way Power Divider
• Resistive Design
• DC to 26.5 GHz Frequency Range
• Max Power 1 Watt (CW)
• Insertion Loss < 8.5 dB
• Applications
• Test and Measurement
• Military Communications
• Commercial Communications
• Wireless Communications
• SATCOM
• Description
• Fairview Microwave carries a wide selection of power dividers to fit your needs. These components are essential in many systems, allowing
• the combination of multiple signals or splitting of a single signal into multiple signals with equal magnitude and phase. Fairview Microwave’s
• resistive and Wilkinson power dividers come with excellent performance featuring minimal loss, high isolation and low VSWR. They are
• available in both narrow and broad bandwidths with a variety of connector types such as 2.92mm, BNC, N and SMA.
• The MPR26-2A is a 2 way resistive power divider that operates from DC to 26.5 GHz can handle up to 1 Watt (CW) with 8.5 dB max insertion
• loss. The package interface uses 3.5mm female connectors and is REACH and RoHS compliant.




Similar Part No. - MPR26-2A

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MPR26M-2 FAIRVIEW-MPR26M-2 Datasheet
475Kb / 3P
2 Way Power Divider 3.5mm Connectors Resistive From DC to 26.5 GHz Rated at 1 Watts
REV 2.2
More results


Similar Description - MPR26-2A

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2026 PASTERNACK-PE2026 Datasheet
245Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2031 PASTERNACK-PE2031 Datasheet
458Kb / 2P
50 Ohm 4 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2077 PASTERNACK-PE2077 Datasheet
251Kb / 3P
50 Ohm 2 Way 2.92mm Power Divider From 10 GHz to 40 GHz Rated at 12 Watts
PE2079 PASTERNACK-PE2079 Datasheet
241Kb / 3P
50 Ohm 2 Way 2.4mm Power Divider From 10 GHz to 50 GHz Rated at 10 Watts
PE2081 PASTERNACK-PE2081 Datasheet
236Kb / 2P
50 Ohm 2 Way SMA Power Divider From 7 GHz to 12.4 GHz Rated at 10 Watts
PE2083 PASTERNACK-PE2083 Datasheet
243Kb / 3P
50 Ohm 2 Way 2.92mm Resistive Power Divider From DC to 26.5 GHz Rated at 1 Watts
PE2084 PASTERNACK-PE2084 Datasheet
244Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 18 GHz Rated at 1 Watts
PE2096 PASTERNACK-PE2096 Datasheet
334Kb / 2P
50 Ohm 2 Way SMA Wilkinson Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
logo
Marki Microwave
MPD-0226SM MARKIMICROWAVE-MPD-0226SM Datasheet
407Kb / 7P
2-26.5 GHz MMIC 2-way Power Divider/Combiner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com