Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTB-EKLP42-32 Datasheet (PDF) - ams-OSRAM AG

KRTB-EKLP42-32 Datasheet PDF - ams-OSRAM AG
Part # KRTB-EKLP42-32
Download  KRTB-EKLP42-32 Download
File Size   671.88 Kbytes
Page   27 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DISPLIX E0808

KRTB-EKLP42-32 Datasheet (PDF)

Go To PDF Page Download Datasheet
KRTB-EKLP42-32 Datasheet PDF - ams-OSRAM AG

Part # KRTB-EKLP42-32
Download  KRTB-EKLP42-32 Click to download

File Size   671.88 Kbytes
Page   27 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DISPLIX E0808

KRTB-EKLP42-32 Datasheet (HTML) - ams-OSRAM AG


KRTB-EKLP42-32 Product details

Features
• package: SMT package, epoxy resin
• color: 621 nm (red), 526 nm (true green),
469 nm (blue)
• viewing angle: Lambertian Emitter (120°)
• chip technology: InGaAlP(red), InGaN (true green,
blue)
• soldering methods: reflow solderable
• preconditioning: acc. to JEDEC Level 3
• ESD-withstand voltage: 500V acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 1B)
Applications
• Indoor Video Walls
• full color display




Similar Part No. - KRTB-EKLP42-32

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KRTB-EILP41.32 OSRAM-KRTB-EILP41.32 Datasheet
968Kb / 29P
SMT package, epoxy resin
More results


Similar Description - KRTB-EKLP42-32

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KRTBHDLP71.32 OSRAM-KRTBHDLP71.32 Datasheet
656Kb / 28P
DISPLIX E2020
LRTBGRTG OSRAM-LRTBGRTG Datasheet
908Kb / 26P
DISPLIX Blackprint
KTHAVPA1.12 OSRAM-KTHAVPA1.12 Datasheet
919Kb / 22P
DISPLIX Oval
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com