Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW2-C2LNL3-TK Datasheet (PDF) - ams-OSRAM AG

KW2-C2LNL3-TK Datasheet PDF - ams-OSRAM AG
Part # KW2-C2LNL3-TK
Download  KW2-C2LNL3-TK Download
File Size   2159.23 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON™ Submount PL

KW2-C2LNL3-TK Datasheet (PDF)

Go To PDF Page Download Datasheet
KW2-C2LNL3-TK Datasheet PDF - ams-OSRAM AG

Part # KW2-C2LNL3-TK
Download  KW2-C2LNL3-TK Click to download

File Size   2159.23 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON™ Submount PL

KW2-C2LNL3-TK Datasheet (HTML) - ams-OSRAM AG


KW2-C2LNL3-TK Product details

Applications
- Headlights
Features
- Package: compact lightsource in multi chip on board technology
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.320, Cy = 0.334 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3A
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Color over angle: Better than passus 3.7.2.1 of supplement proposal 7 to ECE reg. 128





Similar Part No. - KW2-C2LNL3-TK

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KW2-C2LPL3-TK AMSOSRAM-KW2-C2LPL3-TK Datasheet
2Mb / 24P
OSLON™ Submount PL
Version 1.2 2026-03-09
More results


Similar Description - KW2-C2LNL3-TK

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
OSLON Signal
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
KW2CFLNM1.TG OSRAM-KW2CFLNM1.TG Datasheet
863Kb / 24P
OSLON Compact PL
KWC2L5L1.TE OSRAM-KWC2L5L1.TE Datasheet
980Kb / 21P
OSLON Submount CL
LVCQBP OSRAM-LVCQBP Datasheet
987Kb / 23P
OSLON Signal
KYCELNM1.FY OSRAM-KYCELNM1.FY Datasheet
779Kb / 23P
OSLON Compact PL
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
OSLON Signal
logo
ams AG
KWC2L5L2.TK AMSCO-KWC2L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.1 2021-09-01
KWC3L5L2.TK AMSCO-KWC3L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.2 2021-09-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com