Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H28 Datasheet (PDF) - STMicroelectronics

MK50H28 Datasheet PDF - STMicroelectronics
Part # MK50H28
Download  MK50H28 Download
File Size   429.33 Kbytes
Page   64 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTI LOGICAL LINK FRAME RELAY CONTROLLER

MK50H28 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK50H28 Datasheet PDF - STMicroelectronics

Part # MK50H28
Download  MK50H28 Click to download

File Size   429.33 Kbytes
Page   64 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTI LOGICAL LINK FRAME RELAY CONTROLLER

MK50H28 Datasheet (HTML) - STMicroelectronics


MK50H28 Product details

SECTION 2 - DESCRIPTION
The STMicroelectronics MK50H28 Multi-Logical Link Communications Controller is a CMOS VLSI device which provides link level data communications control for Frame Relay Applications on Permanent Virtual Circuits (PVCs). The MK50H28 will perform frame formating including: frame delimiting with flags, transparency (so-called ”bitstuffing”), plus FCS (CRC) generation and detection. It also supports Local Management Interface (LMI) protocol with the ”Optional Bidirectional Procedures” (Annex D, T1.617 - 1991 and T1.617a- 1994).

SECTION 1 - FEATURES
■ Based on ITU Q.933 Annex A and T1.617 Annex D Standards for Frame Relay Service and Additional Pocedures for Permanent Virtual Circuits(PVCs).
■ Optional Transparent Mode (no LMI Protocol Processing - all frame data received).
■ Local Management Link Protocol with optional Bi-directional message processing.
■ Detects and indicates service-affecting errors in the timing or content of events.
■ Programmable Timers/Counters: nT1/T391, nT2/T392, nN1/N391, nN2/N392, nN3/N393 and dN1 for the LMI/LIV channel.
■ Provides Error Counters for the LMI channel and Congestion Statistics for all the active channels.
■ LMI/LIV Frames can be transmitted/received on DLCI 0 or 1023.
■ Supports reception of up to 4 octets of address field with a maximum of 8192 active channels or DLCIs (Data Link Connection Identifiers)
■ Priority DLCI scheme for channels requiring higher rate of service.
■ Buffer Management includes:
    - Initialization Block
    - Address Look Up Table
    - Context Table
    - Separate Receive and Transmit Rings of variable size for each active channel
■ On chip DMA control with programmable burst length.
■ Handles all HDLC frame formatting:
    - Zero bit insertion and deletion
    - FCS (CRC) generation and detection
    - Frame delimiting with flags
■ Programmable minimum frame spacing on transmission (1-62 flags between frames).
■ Selectable FCS (CRC) of 16 or 32 bits.
■ Testing Facilities: Internal Loopback, Silent
■ Loopback, Clockless Loopback, and Self Test.
■ System clock rates up to 25 MHz.
■ CMOS process; Fully compatible with both 8 and 16 bit systems; All inputs and outputs are TTL compatible.
■ Programmable for full or half duplex operation.
■ Pin-for-pin compatible and architecturally the same as the MK50H25 (X.25/LAPD) and MK50H27 (CCS#7).




Similar Part No. - MK50H28

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK50H25 STMICROELECTRONICS-MK50H25 Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H25DIP STMICROELECTRONICS-MK50H25DIP Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H25PLCC STMICROELECTRONICS-MK50H25PLCC Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H25Q STMICROELECTRONICS-MK50H25Q Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H27 STMICROELECTRONICS-MK50H27 Datasheet
417Kb / 56P
Signalling System 7 Link Controller
Sep-1997
More results


Similar Description - MK50H28

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68606 MOTOROLA-MC68606 Datasheet
94Kb / 2P
Multi-Link LAPD(MLAPD) Protocol Controller
logo
PMC-Sierra, Inc
PM7364 PMC-PM7364 Datasheet
2Mb / 325P
FRAME ENGINE AND DATA LINK MANAGER
PM7367 PMC-PM7367 Datasheet
2Mb / 323P
FRAME ENGINE AND DATA LINK MANAGER
PM7380 PMC-PM7380 Datasheet
48Kb / 2P
Frame Engine and Data Link Manager
PM7381 PMC-PM7381 Datasheet
44Kb / 2P
Frame Engine and Data Link Manager
PM7384 PMC-PM7384 Datasheet
44Kb / 4P
Frame Engine and Data Link Manager
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
VAN Data Link Controller
logo
Semtech Corporation
SC4201 SEMTECH-SC4201 Datasheet
226Kb / 9P
Multi-Phase Link Controller
SC4201 SEMTECH-SC4201_04 Datasheet
243Kb / 12P
Multi-Phase Link Controller
logo
LANSDALE Semiconductor ...
ML145488 LANSDALE-ML145488 Datasheet
200Kb / 12P
Dual Data Link Controller
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com