Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FS124773A01CNB Datasheet (PDF) - Renesas Technology Corp

R7FS124773A01CNB Datasheet PDF - Renesas Technology Corp
Part # R7FS124773A01CNB
Download  R7FS124773A01CNB Download
File Size   1527.85 Kbytes
Page   107 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description S124 Microcontroller Group

R7FS124773A01CNB Datasheet (PDF)

Go To PDF Page Download Datasheet
R7FS124773A01CNB Datasheet PDF - Renesas Technology Corp

Part # R7FS124773A01CNB
Download  R7FS124773A01CNB Click to download

File Size   1527.85 Kbytes
Page   107 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description S124 Microcontroller Group

R7FS124773A01CNB Datasheet (HTML) - Renesas Technology Corp


R7FS124773A01CNB Product details

■ Arm Cortex-M0+ Core
 Armv6-M architecture
 Maximum operating frequency: 32 MHz
 Debug and Trace: DWT, BPU, CoreSight™ MTB-M0+
 CoreSight Debug Port: SW-DP
■ Memory
 128-KB code flash memory
 4-KB data flash memory (100,000 erase/write cycles)
 Up to 16-KB SRAM
 128-bit unique ID
■ Connectivity
 USB 2.0 Full-Speed Module (USBFS)
- On-chip transceiver with voltage regulator
- Compliant with USB Battery Charging Specification 1.2
 Serial Communications Interface (SCI) × 3
- UART
- Simple IIC
- Simple SPI
 Serial Peripheral Interface (SPI) × 2
 I2C bus interface (IIC) × 2
 CAN module (CAN)
■ Analog
 14-Bit A/D Converter (ADC14)
 12-Bit D/A Converter (DAC12)
 Low-Power Analog Comparator (ACMPLP) × 2
 Temperature Sensor (TSN)
■ Timers
 General PWM Timer 32-Bit (GPT32)
 General PWM Timer 16-Bit (GPT16) × 6
 Low Power Asynchronous General-Purpose Timer (AGT) × 2
 Watchdog Timer (WDT)




Similar Part No. - R7FS124773A01CNB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7FS124773A01CNB RENESAS-R7FS124773A01CNB Datasheet
1Mb / 98P
32-bit ARM Cortex-M0 microcontroller
More results


Similar Description - R7FS124773A01CNB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30218 MITSUBISHI-M30218 Datasheet
4Mb / 467P
M30218 Group
M30240 MITSUBISHI-M30240 Datasheet
901Kb / 142P
M30240 Group Specification
logo
Renesas Technology Corp
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
R8C/34P Group, R8C/34R Group RENESAS MCU
logo
Semtech Corporation
ACS9520PB SEMTECH-ACS9520PB Datasheet
303Kb / 4P
ADVANCED COMMS PRODUCT GROUP
logo
Renesas Technology Corp
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
R8C/20 Group, R8C/21 Group RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
R8C/33T Group
logo
Semtech Corporation
ACS9522T SEMTECH-ACS9522T Datasheet
176Kb / 4P
ADVANCED COMMS PRODUCT GROUP
logo
Shoulder Electronics Li...
HDF4803TO39 SHOULDER-HDF4803TO39 Datasheet
109Kb / 5P
Constant group delay
logo
Sharp Corporation
LM16X212 SHARP-LM16X212 Datasheet
178Kb / 5P
LIQUID CRYSTAL DISPLAY GROUP
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com