Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVX1016IP-US Datasheet (PDF) - Infinite Electronics International, Inc.

AVX1016IP-US Datasheet PDF - Infinite Electronics International, Inc.
Part # AVX1016IP-US
Download  AVX1016IP-US Download
File Size   737.28 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Performance KVM - high density fully featured USB, Video and Audio control

AVX1016IP-US Datasheet (PDF)

Go To PDF Page Download Datasheet
AVX1016IP-US Datasheet PDF - Infinite Electronics International, Inc.

Part # AVX1016IP-US
Download  AVX1016IP-US Click to download

File Size   737.28 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Performance KVM - high density fully featured USB, Video and Audio control

AVX1016IP-US Datasheet (HTML) - Infinite Electronics International, Inc.


AVX1016IP-US Product details

FEATURES
USB keyboard and mouse control
Any USB style keyboard and mouse (PC,
Mac or Sun) can
be used to control the AdderView
CATxIP 1000 switch. Full keyboard remapping is supported to ensure seamless
cross platform functionality

Faultless video quality
The AdderView CATxIP 1000 provides
exceptionally high video performance to
local users, supporting up to 1600 x 1200
resolutions with DDC emulation which
is further enhanced by DC balancing to
ensure full and true colour.

True multi-platform support
The AdderView CATxIP 1000 supports
any computer platforms with PS/2,
USB and Sun keyboard and mouse
interfaces. Country code reporting, DDC
and continuous keyboard and mouse
emulation ensure faultless operation.

Easy cascade
Expand simply by using just CATx cable to
link units. The CATxIP 1000 automatically
detects cascade connections to support
up to 256 computers. Fit 32 performance
KVM connections in 1U of rack space.

Optional CD quality audio
AdderView CATxIP 1000 switches
support CD quality 44.1kHz digital stereo
audio when optional audio enabled CAM
modules are used.

Options port
• Integration with RS232 controlled
power switches to provide a complete
hard reboot function
• Flash upgrade
• Sync with other CATxIP 1000 switches
for multi-video applications
• Upload/download CATxIP 1000 user
and host information
• Remote control

Global User (IP)
•Employing enterprise grade security
(using AES 128 bit encryption and RSA
2048 bit public key authentication)
•Use Java web browser or Real VNC
client software that, unlike HTTPS web
browsers, is designed specifically for
secure, high performance KVM over IP
applications
•Up to 1600 x 1200 resolutions with
scalable windows

Computer Access Modules
Flash upgradeable CAMs are available for
PS/2, USB and Sun keyboard and mouse
support with optional audio.

Rack mount / rack drawers
One or two CATxIP 1000 switches can
be mounted in 1U of rack height giving a
maximum of 32 ports per 1U.

User access control
Up to 16 different user profiles can be
created and access rights for each user
can be defined.

Embedded KVM option
CATxIP 1000 technology is available
without a casing for embedding within
other equipment such as rack drawers
and industrial equipment through an
interconnet header.




Similar Part No. - AVX1016IP-US

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AVX1016IPUS L-COM-AVX1016IPUS Datasheet
737Kb / 2P
ADDERView CATxIP 1000
More results


Similar Description - AVX1016IP-US

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
FULLY FEATURED PSTN INTERFACE
logo
Tripp Lite. All Rights ...
B004DUA2KR TRIPPLITE-B004DUA2KR Datasheet
497Kb / 3P
2-Port DVI-USB KVM Switch w- Audio and Cables
B004VUA2KR TRIPPLITE-B004VUA2KR Datasheet
501Kb / 3P
2-Port Compact USB KVM Switch w-Audio and Cable
logo
XP Power Limited
HDS3000 XPPOWER-HDS3000 Datasheet
993Kb / 6P
Fully Featured Signals AND Controls
logo
Tripp Lite. All Rights ...
B032-HUA2 TRIPPLITE-B032-HUA2 Datasheet
168Kb / 4P
2-Port USB/HD Cable KVM Switch with Audio/Video, Cables and USB Peripheral Sharing
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
FULLY FEATURED PSTN INTERFACE
logo
Tripp Lite. All Rights ...
B024-DPU08 TRIPPLITE-B024-DPU08 Datasheet
162Kb / 4P
8-Port DisplayPort/USB KVM Switch with Audio/Video and USB Peripheral Sharing, 4K 60Hz, 1U Rack-Mount
B024-DPU16 TRIPPLITE-B024-DPU16 Datasheet
163Kb / 4P
16-Port DisplayPort/USB KVM Switch with Audio/Video and USB Peripheral Sharing, 4K 60Hz, 1U Rack-Mount
B024-HU08 TRIPPLITE-B024-HU08 Datasheet
163Kb / 4P
8-Port HDMI/USB KVM Switch with Audio/Video and USB Peripheral Sharing, 1U Rack-Mount
B024-HU16 TRIPPLITE-B024-HU16 Datasheet
164Kb / 4P
16-Port HDMI/USB KVM Switch with Audio/Video and USB Peripheral Sharing, 1U Rack-Mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com