Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60061PI Datasheet (PDF) - Philex Electronic Ltd.

60061PI Datasheet PDF - Philex Electronic Ltd.
Part # 60061PI
Download  60061PI Download
File Size   944.58 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description PoE 60W Power Injector

60061PI Datasheet (PDF)

Go To PDF Page Download Datasheet
60061PI Datasheet PDF - Philex Electronic Ltd.

Part # 60061PI
Download  60061PI Click to download

File Size   944.58 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description PoE 60W Power Injector

60061PI Datasheet (HTML) - Philex Electronic Ltd.


60061PI Product details

Features
• High-speed data transmission up to
10/100/1000 Mbps
• 2 x 1000M RJ45 ports and 1 x AC input Port
• Fully compatible with standard PoE,
PoE+ and PoE++ devices
• Wide voltage input range of 100-240V
for flexible use
• Delivers up to 60W PoE output to power
connected devices




Similar Part No. - 60061PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
600611 ETC-600611 Datasheet
6Mb / 68P
Contacts
May 2019
600612 ETC-600612 Datasheet
6Mb / 68P
Contacts
May 2019
600613 ETC-600613 Datasheet
6Mb / 68P
Contacts
May 2019
600614 ETC-600614 Datasheet
6Mb / 68P
Contacts
May 2019
600615 ETC-600615 Datasheet
6Mb / 68P
Contacts
May 2019
More results


Similar Description - 60061PI

ManufacturerPart #DatasheetDescription
logo
Level One
POI-2001 LVL1-POI-2001 Datasheet
1Mb / 2P
Gigabit PoE Injector
POI-4000 LVL1-POI-4000 Datasheet
1Mb / 2P
High Power PoE Injector, 56W
logo
Red Lion Controls. Inc
100_POE4 REDLION-100_POE4 Datasheet
426Kb / 2P
Industrial Mid-Span PoE Injector
logo
XFMRS Inc.
XFVOIP-23 XFMRS-XFVOIP-23 Datasheet
62Kb / 1P
60W POE XFMR
XFVOIP-23B XFMRS-XFVOIP-23B Datasheet
57Kb / 1P
60W POE XFMR
XFVOIP-460 XFMRS-XFVOIP-460 Datasheet
62Kb / 1P
60W POE XFMR
logo
Level One
POI-3000 LVL1-POI-3000 Datasheet
628Kb / 3P
Gigabit PoE Injector
logo
Yuan Dean Scientific., ...
PE101G YUANDEAN-PE101G Datasheet
564Kb / 2P
POE Injector
logo
Advantech Co., Ltd.
EKI-2701MPI ADVANTECH-EKI-2701MPI Datasheet
622Kb / 2P
Industrial Gigabit Mega PoE Injector
15-Jan-2021
EKI-2701HP-AC ADVANTECH-EKI-2701HP-AC Datasheet
204Kb / 2P
IEEE 802.3at Gigabit PoE Injector
20-May-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com