Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60063PI Datasheet (PDF) - Philex Electronic Ltd.

60063PI Datasheet PDF - Philex Electronic Ltd.
Part # 60063PI
Download  60063PI Download
File Size   2235.24 Kbytes
Page   2 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 3Km Pro Wireless Network Bridge Kit

60063PI Datasheet (PDF)

Go To PDF Page Download Datasheet
60063PI Datasheet PDF - Philex Electronic Ltd.

Part # 60063PI
Download  60063PI Click to download

File Size   2235.24 Kbytes
Page   2 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 3Km Pro Wireless Network Bridge Kit

60063PI Datasheet (HTML) - Philex Electronic Ltd.


60063PI Product details

Key Features
• Up to 3Km stable wireless transmission
• Built-in 15dBi directional antenna for long
distance coverage
• Operate on the 5.8GHz frequency band
with data speeds up to 900Mbps
• IP65 rated for outdoor protection
• Point-to-Point outdoor coverage and
applications
• Strong Anti-interference and Signal
Penetration




Similar Part No. - 60063PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6006 ETC2-6006 Datasheet
158Kb / 1P
THE BREAD BOARDING MEDIUM FOR SURFACE MOUNT
logo
Micronetics, Inc.
6006 MICRONETICS-6006 Datasheet
39Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN MODULES
logo
List of Unclassifed Man...
6006 ETC2-6006 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
6006 ETC2-6006 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
3M Electronics
6006 3M-6006 Datasheet
1Mb / 8P
3M??Reusable Respirators
More results


Similar Description - 60063PI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
3945ABG INTEL-3945ABG Datasheet
476Kb / 2P
PRO/Wireless Network Connection
logo
Texas Instruments
CC2560 TI-CC2560 Datasheet
110Kb / 2P
Bluetooth짰 Wireless Kit
logo
List of Unclassifed Man...
PA4942 ETC2-PA4942 Datasheet
149Kb / 1P
GripPack SurePunch Pro Installers Kit
88980160 ETC2-88980160 Datasheet
618Kb / 3P
Wireless network antennas
logo
Microchip Technology
WINC3400 MICROCHIP-WINC3400 Datasheet
923Kb / 2P
Wireless Network Controller
2015
WLR089 MICROCHIP-WLR089 Datasheet
330Kb / 2P
XPLAINED PRO EVALUATION KIT
8/20
logo
SparkFun Electronics
KIT-15349 SPARKFUN-KIT-15349 Datasheet
208Kb / 2P
SparkFun Qwiic Pro Kit
11??2??9
logo
IOGEAR
GWHD101KIT IOGEAR-GWHD101KIT Datasheet
165Kb / 2P
Share Pro??Expandable Wireless Presentation System
GWHD2DKIT IOGEAR-GWHD2DKIT Datasheet
166Kb / 2P
Share Pro??Mini Wireless HD Video Transmitter and Receiver Kit
GWHDKIT11C IOGEAR-GWHDKIT11C Datasheet
169Kb / 3P
Share Pro??USB-C Wireless HD Video Transmitter and Receiver Kit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com