Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60064PI Datasheet (PDF) - Philex Electronic Ltd.

60064PI Datasheet PDF - Philex Electronic Ltd.
Part # 60064PI
Download  60064PI Download
File Size   2231.44 Kbytes
Page   2 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 8Km Long Range Wireless Network Bridge Kit

60064PI Datasheet (PDF)

Go To PDF Page Download Datasheet
60064PI Datasheet PDF - Philex Electronic Ltd.

Part # 60064PI
Download  60064PI Click to download

File Size   2231.44 Kbytes
Page   2 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 8Km Long Range Wireless Network Bridge Kit

60064PI Datasheet (HTML) - Philex Electronic Ltd.


60064PI Product details

Key Features
• Up to 8Km stable wireless transmission
• Built-in 18dBi directional antenna for long
distance coverage
• Operate on the 5.8GHz frequency band with
data speeds up to 900Mbps
• IP65 rated for outdoor protection
• Point-to-Point outdoor coverage and application
• Strong Anti-interference and signal penetration




Similar Part No. - 60064PI

ManufacturerPart #DatasheetDescription
logo
APM Hexseal Corporation...
60064 APM-60064 Datasheet
2Mb / 21P
Hermetic Environmental Sealing Boots for Switches & Potentiometers
2009
logo
Wurth Elektronik GmbH &...
600645401 WURTH-600645401 Datasheet
620Kb / 16P
WERI Mini Applicator
Rev.1.1 2016-10-26
600645401001 WURTH-600645401001 Datasheet
620Kb / 16P
WERI Mini Applicator
Rev.1.1
More results


Similar Description - 60064PI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTEV800 PHILIPS-HTEV800 Datasheet
46Kb / 8P
HITAG long range evaluation kit
2001 Sep 24
logo
Analog Devices
CN-0164 AD-CN-0164 Datasheet
122Kb / 5P
Low Power, Long Range, ISM Wireless Measuring Node
REV. A
logo
IOGEAR
GWHDRX01 IOGEAR-GWHDRX01 Datasheet
167Kb / 3P
Long-Range Wireless Video 5x2 Matrix PRO Receiver
GWHDSTXB IOGEAR-GWHDSTXB Datasheet
148Kb / 2P
Long-Range Wireless Video Transmitter
GWLR4K60RX IOGEAR-GWLR4K60RX Datasheet
141Kb / 2P
Ultra Long-Range Wireless 4K @ 60Hz Video Receiver
GWLRDVIRX IOGEAR-GWLRDVIRX Datasheet
147Kb / 2P
Ultra Long Range Wireless DVI Receiver
GWLRDVITX IOGEAR-GWLRDVITX Datasheet
146Kb / 2P
Ultra Long Range Wireless DVI Transmitter
GWLRHDTX IOGEAR-GWLRHDTX Datasheet
148Kb / 3P
Ultra-Long-Range Wireless Video Transmitter
logo
Silicon Laboratories
SLWRB4206A SILABS-SLWRB4206A Datasheet
2Mb / 32P
UG476: Z-Wave 700 - EFR32ZG14 Long Range Wireless Starter Kit
Rev. 1.0
SLWSTK6050B SILABS-SLWSTK6050B Datasheet
2Mb / 35P
UG477: Z-Wave 700 ZGM130S Long Range Wireless Starter Kit
Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com