Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP40 Datasheet (PDF) - LUMEL S.A.

NP40 Datasheet PDF - LUMEL S.A.
Part # NP40
Download  NP40 Download
File Size   2181.38 Kbytes
Page   8 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description portable power quality analyzer

NP40 Datasheet (PDF)

Go To PDF Page Download Datasheet
NP40 Datasheet PDF - LUMEL S.A.

Part # NP40
Download  NP40 Click to download

File Size   2181.38 Kbytes
Page   8 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description portable power quality analyzer

NP40 Datasheet (HTML) - LUMEL S.A.


NP40 Product details

Features
• 5,6" TFT color screen, 320 x 240 pixel.
• Waveform real-time display (4 voltages/4 currents).
• Half cycle RMS measurement (voltage and current).
• Measurement of TRMS currents up tp 3000 A (with standard probes mode).
• Measurement in 1-phase and 3-phase systems (3 - and 4-wire).
• Measurement of voltage, current, harmonics, power, energy, inrush current, flicker and other.
• Graphical presentation of data in a waveform and vector diagram.
• Record of events: dips, swells, overvoltages.
• Power quality according to EN-50160 standard or user-defined limit (registration time from 2 hours to 7 days).
• Registration of user-defined parameters in the 8GB internal memory (frequency of registration from 1 second up to 60 minutes,
registration time from 2 h up to 1 year).
• Ethernet interface for remote operation of the analyzer.
• USB Host to move archive data and screenshots to an external USB memory.
• Safety standards: EN 61010-1, CAT III 1000V / CAT IV 600V.
• The analyser set: analyzer, voltage tests leads aligator clips (5x), DC power adapter, CD with software, user’s manual.




Similar Part No. - NP40

ManufacturerPart #DatasheetDescription
logo
NEC
NP40N055CHE NEC-NP40N055CHE Datasheet
212Kb / 10P
MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP40N055CHE RENESAS-NP40N055CHE Datasheet
298Kb / 12P
MOS FIELD EFFECT TRANSISTOR
2007
logo
Inchange Semiconductor ...
NP40N055CHE ISC-NP40N055CHE Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
NEC
NP40N055CHE-S12-AZ NEC-NP40N055CHE-S12-AZ Datasheet
212Kb / 10P
MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP40N055CHE-S12-AZ RENESAS-NP40N055CHE-S12-AZ Datasheet
298Kb / 12P
MOS FIELD EFFECT TRANSISTOR
2007
More results


Similar Description - NP40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
Energy Management Modular Smart Power Quality Analyzer
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
Energy Management Modular Power Quality Analyzer
logo
ASM GmbH
3196 ASM-SENSOR-3196 Datasheet
1Mb / 12P
POWER QUALITY ANALYZER
3197 ASM-SENSOR-3197 Datasheet
5Mb / 6P
POWER QUALITY ANALYZER
3390 ASM-SENSOR-3390 Datasheet
3Mb / 16P
POWER ANALYZER
logo
Fuji Electric
EDS3-117 FUJI-EDS3-117 Datasheet
120Kb / 2P
PORTABLE GAS ANALYZER
logo
Extech Instruments Corp...
CO250 EXTECH-CO250_15 Datasheet
180Kb / 1P
Portable Indoor Air Quality CO2 Meter
380803 EXTECH-380803_15 Datasheet
230Kb / 1P
Appliance Tester/Power Analyzer
logo
Mixed Signal Integratio...
MSLSA MSI-MSLSA Datasheet
80Kb / 8P
Low Power Spectrum Analyzer
logo
Powersoft S.p.A.
Q4004 POWERSOFT-Q4004 Datasheet
924Kb / 2P
4-Channel Power Amplifier for High-Quality Portable and Permanently Installed Applications
v2.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com