Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6366 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJU6366 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJU6366
Download  NJU6366 Download
File Size   77.85 Kbytes
Page   6 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Small Sized Quartz Crystal Oscillator

NJU6366 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU6366 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJU6366
Download  NJU6366 Click to download

File Size   77.85 Kbytes
Page   6 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Small Sized Quartz Crystal Oscillator

NJU6366 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJU6366 Product details

FEATURES
●Operating Voltage 2.0 to 5.5V
●Maximum Oscillation Frequency 50MHz
●Low Operating Current
●High Fan-out IOH/IOL=4mA @2.5V
●3-Stage Divider One of f0,f0/2,f0/4 and f0/8
●Oscillation Stop and Output Stand-by Function
●3-State Output Buffer
●Oscillation Capacitors Cg and Cg on-chip
●Package Outline Thin-Chip/SOT-23-6-1
●C-MOS Technology




Similar Part No. - NJU6366

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6366 NJRC-NJU6366 Datasheet
48Kb / 6P
Small Sized Quartz Crystal Oscillator
NJU6366XC-C NJRC-NJU6366XC-C Datasheet
48Kb / 6P
Small Sized Quartz Crystal Oscillator
NJU6366XF1 NJRC-NJU6366XF1 Datasheet
48Kb / 6P
Small Sized Quartz Crystal Oscillator
More results


Similar Description - NJU6366

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6362A NJRC-NJU6362A Datasheet
149Kb / 4P
QUARTZ CRYSTAL OSCILLATOR?
NJU6393 NJRC-NJU6393 Datasheet
81Kb / 4P
QUARTZ CRYSTAL OSCILLATOR?
NJU6323 NJRC-NJU6323 Datasheet
291Kb / 4P
QUARTZ CRYSTAL OSCILLATOR
NJU6391 NJRC-NJU6391 Datasheet
299Kb / 4P
QUARTZ CRYSTAL OSCILLATOR
NJU6318 NJRC-NJU6318 Datasheet
235Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6319 NJRC-NJU6319 Datasheet
233Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6322 NJRC-NJU6322 Datasheet
290Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6366 NJRC-NJU6366 Datasheet
48Kb / 6P
Small Sized Quartz Crystal Oscillator
NJU6333 NJRC-NJU6333 Datasheet
310Kb / 4P
QUARTZ CRYSTAL OSCILLATOR
NJU6214 NJRC-NJU6214 Datasheet
137Kb / 7P
Small-Sized 1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com