Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60059PI Datasheet (PDF) - Philex Electronic Ltd.

60059PI Datasheet PDF - Philex Electronic Ltd.
Part # 60059PI
Download  60059PI Download
File Size   961.96 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description PoE 18W Power Injector

60059PI Datasheet (PDF)

Go To PDF Page Download Datasheet
60059PI Datasheet PDF - Philex Electronic Ltd.

Part # 60059PI
Download  60059PI Click to download

File Size   961.96 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description PoE 18W Power Injector

60059PI Datasheet (HTML) - Philex Electronic Ltd.


60059PI Product details

Features
• High-speed data transmission up to
10/100/1000Mbps
• 2 x 1000M RJ45 port and 1 x AC input port
• Fully compatible with standard PoE devices
• Wide voltage input range of 100-240V for
flexible use
• Delivers up to 18W PoE output to power
connected devices




Similar Part No. - 60059PI

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6005 MICRONETICS-6005 Datasheet
39Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN MODULES
logo
List of Unclassifed Man...
6005 ETC2-6005 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
6005 ETC2-6005 Datasheet
373Kb / 1P
PLUGS AND JACKS
6005 ETC2-6005 Datasheet
532Kb / 2P
222 (exploded isometric)
logo
3M Electronics
6005 3M-6005 Datasheet
1Mb / 8P
3M??Reusable Respirators
More results


Similar Description - 60059PI

ManufacturerPart #DatasheetDescription
logo
Level One
POI-2001 LVL1-POI-2001 Datasheet
1Mb / 2P
Gigabit PoE Injector
POI-4000 LVL1-POI-4000 Datasheet
1Mb / 2P
High Power PoE Injector, 56W
logo
Red Lion Controls. Inc
100_POE4 REDLION-100_POE4 Datasheet
426Kb / 2P
Industrial Mid-Span PoE Injector
logo
Level One
POI-3000 LVL1-POI-3000 Datasheet
628Kb / 3P
Gigabit PoE Injector
logo
Yuan Dean Scientific., ...
PE101G YUANDEAN-PE101G Datasheet
564Kb / 2P
POE Injector
logo
Advantech Co., Ltd.
EKI-2701HP ADVANTECH-EKI-2701HP Datasheet
480Kb / 2P
IEEE 802.3af/at Gigabit PoE Injector
8-Apr-2021
EKI-2701MPI ADVANTECH-EKI-2701MPI Datasheet
622Kb / 2P
Industrial Gigabit Mega PoE Injector
15-Jan-2021
EKI-2701MPI-5G ADVANTECH-EKI-2701MPI-5G Datasheet
349Kb / 2P
Hardened multi-speed Mega PoE Injector
14-May-2021
EKI-2701HP-AC ADVANTECH-EKI-2701HP-AC Datasheet
204Kb / 2P
IEEE 802.3at Gigabit PoE Injector
20-May-2021
logo
Coolgear Inc.
CG-POEIJ12V COOLGEAR-CG-POEIJ12V Datasheet
367Kb / 1P
Gigabit IEEE 802.3af/at PoE Injector (12v)
5/03/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com