Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2102NLGI Datasheet (PDF) - Renesas Technology Corp

8P34S2102NLGI Datasheet PDF - Renesas Technology Corp
Part # 8P34S2102NLGI
Download  8P34S2102NLGI Download
File Size   1243.77 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 1:2 LVDS Output 1.8V / 2.5V Fanout Buffer

8P34S2102NLGI Datasheet (PDF)

Go To PDF Page Download Datasheet
8P34S2102NLGI Datasheet PDF - Renesas Technology Corp

Part # 8P34S2102NLGI
Download  8P34S2102NLGI Click to download

File Size   1243.77 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 1:2 LVDS Output 1.8V / 2.5V Fanout Buffer

8P34S2102NLGI Datasheet (HTML) - Renesas Technology Corp


8P34S2102NLGI Product details

▪ Dual 1:2 low skew, low additive jitter LVDS fanout buffers
▪ Matched AC characteristics across both channels
▪ High isolation between channels
▪ Both differential CLKA, nCLKA and CLKB, nCLKB inputs
accept LVDS, LVPECL and single-ended LVCMOS levels
▪ Maximum input clock frequency: 2GHz
▪ Output amplitudes: 350mV, 500mV (selectable)
▪ Output bank skew: 8ps typical
▪ Output skew: 10ps typical
▪ Low additive phase jitter, RMS: 45fs typical
(fREF = 156.25MHz, 12kHz–20MHz)
▪ Full 1.8V and 2.5V supply voltage mode
▪ Low device current consumption (IDD):
• 76mA typical: 1.8V
• 80mA typical: 2.5V
▪ Lead-free (RoHS 6), 16-lead VFQFPN packaging
▪ -40°C to +85°C ambient operating temperature
▪ Supports case temperature up to +105°C




Similar Part No. - 8P34S2102NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8P34S2102NLGI IDT-8P34S2102NLGI Datasheet
438Kb / 19P
Dual 1:2 LVDS Output 1.8V Fanout Buffer
8P34S2102NLGI IDT-8P34S2102NLGI Datasheet
423Kb / 17P
Dual 1:2 LVDS Output 1.8V Fanout
logo
Renesas Technology Corp
8P34S2102NLGI RENESAS-8P34S2102NLGI Datasheet
1Mb / 19P
Dual 1:2 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
logo
Integrated Device Techn...
8P34S2102NLGI/W IDT-8P34S2102NLGI/W Datasheet
438Kb / 19P
Dual 1:2 LVDS Output 1.8V Fanout Buffer
logo
Renesas Technology Corp
8P34S2102NLGI/W RENESAS-8P34S2102NLGI/W Datasheet
1Mb / 19P
Dual 1:2 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
More results


Similar Description - 8P34S2102NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8P34S2102 IDT-8P34S2102 Datasheet
438Kb / 19P
Dual 1:2 LVDS Output 1.8V Fanout Buffer
8P34S2104 IDT-8P34S2104 Datasheet
439Kb / 19P
Dual 1:4 LVDS Output 1.8V Fanout Buffer
8P34S1102I IDT-8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
8P34S2106 IDT-8P34S2106_17 Datasheet
577Kb / 25P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
IDT8P34S1102I IDT-IDT8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
logo
Renesas Technology Corp
8P34S2102 RENESAS-8P34S2102 Datasheet
1Mb / 19P
Dual 1:2 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
8P34S2104 RENESAS-8P34S2104 Datasheet
1Mb / 20P
Dual 1:4 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
8P34S2106 RENESAS-8P34S2106 Datasheet
1Mb / 26P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
8P34S2106A RENESAS-8P34S2106A Datasheet
1Mb / 21P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
Mar 21, 2023
8P34S2108 RENESAS-8P34S2108 Datasheet
958Kb / 22P
Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
March 21, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com