Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-SMA2 Datasheet (PDF) - Infinite Electronics International, Inc.

ST-SMA2 Datasheet PDF - Infinite Electronics International, Inc.
Part # ST-SMA2
Download  ST-SMA2 Download
File Size   386.49 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Fixed Torque Wrench in Click Type 5/16 inch Bit that is Pre-set to 6 in-lbs

ST-SMA2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST-SMA2 Datasheet PDF - Infinite Electronics International, Inc.

Part # ST-SMA2
Download  ST-SMA2 Click to download

File Size   386.49 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Fixed Torque Wrench in Click Type 5/16 inch Bit that is Pre-set to 6 in-lbs

ST-SMA2 Datasheet (HTML) - Infinite Electronics International, Inc.


ST-SMA2 Product details

Features
• type RF wrenches is that once the preset torque value is reached, they will “click”
• which can be heard and felt, followed by a slight bend at the head, alerting to
• the user to stop applying torque on the connector. Fairview Microwave’s click type
• SMA torque wrenches are in-stock and also available for a wide variety of other
• RF connectors, all of which ship the same day.
• Configuration
• Torque Type
• Fixed
• Design Type
• Click
• Hex Size
• 5/16 in
• Torque Setting
• 6 in-lbs [0.68 Nm]
• Torque Accuracy Percentage
• ±4 %
• Size
• Length
• 7.09 in [180.09 mm]
• Handle Diameter
• 0.688 in [17.48 mm]
• .
• Weight
• 0.3715 lbs [168.51 g]
• Handle Color
• Red
• Compliance Certifications (see product page for current document)
• Notes:
• Do not use on damaged connectors.
• To improve performance of a wrench that hasn’t been used recently, actu­
• ate the wrench by clicking the wrench head back and forth several times
• before use. This will spread the lubricant through the internal mechanism.
Features
• Designed for continual use
• Torque wrench will “click” once
• preset torque value is achieved
• Designed to avoid over torque
• Applications:
• Attaching test cables in
• lab environments
• Final production
• attachment of product
• Field install and testing
• applications
• Anytime accurate
• torque is needed while
• avoiding over-torque




Similar Part No. - ST-SMA2

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST-SMA-516-BO5 FAIRVIEW-ST-SMA-516-BO5 Datasheet
422Kb / 2P
SMA Fixed Torque Wrench in Break-Over Type 5/16 inch Bit that is Pre-set to 5 in-lbs
REV 1.2
ST-SMA-516-BO5A FAIRVIEW-ST-SMA-516-BO5A Datasheet
453Kb / 2P
SMA Fixed Torque Wrench in Break-Over Type 5/16 inch Bit that is Pre-set to 5 in-lbs
REV 1.1
ST-SMA-516-BO8 FAIRVIEW-ST-SMA-516-BO8 Datasheet
423Kb / 2P
3.5mm, 2.92mm, 2.4mm, SMA Fixed Torque Wrench in Break-Over Type 5/16 inch Bit that is Pre- set to 8 in-lbs
REV 1.2
ST-SMA-516-BO8A FAIRVIEW-ST-SMA-516-BO8A Datasheet
453Kb / 2P
3.5mm, 2.92mm, 2.4mm, SMA Fixed Torque Wrench in Break-Over Type 5/16 inch Bit that is Pre- set to 8 in-lbs
REV 1.1
ST-SMA1 FAIRVIEW-ST-SMA1 Datasheet
387Kb / 2P
SMA Fixed Torque Wrench in Click Type 5/16 inch Bit that is Pre-set to 7.5 in-lbs
REV 2.2
More results


Similar Description - ST-SMA2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5011-1 PASTERNACK-PE5011-1 Datasheet
220Kb / 1P
PRESET TORQUE WRENCH USE FOR SMA, 2,9mm AND 3,5mm 8 IN LBS HEX SIZE 5/16
PE5011-4 PASTERNACK-PE5011-4 Datasheet
73Kb / 1P
PRESET TORQUE WRENCH USE FIR TNC(HEX NUT), 14 IN LBS, HEX SIZ 5/8
PE5011-5 PASTERNACK-PE5011-5 Datasheet
217Kb / 1P
PRESET TORQUE WRENCH USE FOR SSMA, 8 IN, LBS HEX SIZE 1/4
PE5011-7 PASTERNACK-PE5011-7 Datasheet
181Kb / 1P
PRESET TORQUE WRENCH USE FOR N 14 IN,LBS HEX SIZE 20mm
PE5019-1 PASTERNACK-PE5019-1 Datasheet
248Kb / 2P
Break-Over Torque Wrench With 5/16 Bit
PE5019-2 PASTERNACK-PE5019-2 Datasheet
248Kb / 2P
Break-Over Torque Wrench With 5/16 Bit
logo
Rosenberger Hochfrequen...
60W000-002 ROSENBERGER-60W000-002 Datasheet
84Kb / 1P
7/16 TORQUE WRENCH
60W000-003 ROSENBERGER-60W000-003 Datasheet
865Kb / 2P
7-16 Torque Wrench
logo
Mallory Sonalert Produc...
SCE028XD2SP1B MSPI-SCE028XD2SP1B Datasheet
54Kb / 1P
Used to attach part to panel. The max recommended torque is 10 in-lbs.
SCE120LA3CTB MSPI-SCE120LA3CTB Datasheet
55Kb / 1P
Used to attach part to panel. The max recommended torque is 10 in-lbs.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com