Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6397D Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJU6397D Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJU6397D
Download  NJU6397D Download
File Size   73.52 Kbytes
Page   4 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 3rd. Over Tone Quartz Crystal Oscillator for 125MHz

NJU6397D Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU6397D Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJU6397D
Download  NJU6397D Click to download

File Size   73.52 Kbytes
Page   4 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 3rd. Over Tone Quartz Crystal Oscillator for 125MHz

NJU6397D Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJU6397D Product details

FEATURES
Operating Voltage 2.25 to 2.75V
Maximum Oscillation Frequency 125MHz
High Fan-out IOH/IOL= 6mA @VDD=2.5V
Oscillation Stop and Output Stand-by Function
3-State Output Buffer
Oscillation Capacitors Cg and Cg on-chip
Package Outline Thin-Die/Wafer
C-MOS Technology




Similar Part No. - NJU6397D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6397 NJRC-NJU6397 Datasheet
39Kb / 5P
3rd. Over Tone Quartz Crystal Oscillator for 135MHz
logo
Nisshinbo Micro Devices...
NJU6397 NISSHINBO-NJU6397 Datasheet
76Kb / 5P
3rd. Over Tone Quartz Crystal Oscillator
2018/06/13
logo
New Japan Radio
NJU6397XC-D NJRC-NJU6397XC-D Datasheet
39Kb / 5P
3rd. Over Tone Quartz Crystal Oscillator for 135MHz
logo
Nisshinbo Micro Devices...
NJU6397XC-X NISSHINBO-NJU6397XC-X Datasheet
76Kb / 5P
3rd. Over Tone Quartz Crystal Oscillator
2018/06/13
More results


Similar Description - NJU6397D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6362A NJRC-NJU6362A Datasheet
149Kb / 4P
QUARTZ CRYSTAL OSCILLATOR?
NJU6323 NJRC-NJU6323 Datasheet
291Kb / 4P
QUARTZ CRYSTAL OSCILLATOR
NJU6318 NJRC-NJU6318 Datasheet
235Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6397 NJRC-NJU6397 Datasheet
39Kb / 5P
3rd. Over Tone Quartz Crystal Oscillator for 135MHz
NJU6319 NJRC-NJU6319 Datasheet
233Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6322 NJRC-NJU6322 Datasheet
290Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6333 NJRC-NJU6333 Datasheet
310Kb / 4P
QUARTZ CRYSTAL OSCILLATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TW0236A TAI-SAW-TW0236A Datasheet
190Kb / 5P
SMD 7.0x5.0 125MHz Crystal Oscillator
TW0341A TAI-SAW-TW0341A Datasheet
277Kb / 7P
SMD 7.0x5.0 125MHz Crystal Oscillator
REV. NO.: 1
TW0426A TAI-SAW-TW0426A Datasheet
149Kb / 7P
SMD 3.2x2.5 125MHz Crystal Oscillator
REV. NO.: 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com