Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-DMLN33-SG Datasheet (PDF) - ams-OSRAM AG

KW-DMLN33-SG Datasheet PDF - ams-OSRAM AG
Part # KW-DMLN33-SG
Download  KW-DMLN33-SG Download
File Size   1933.02 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SYNIOS® P2720

KW-DMLN33-SG Datasheet (PDF)

Go To PDF Page Download Datasheet
KW-DMLN33-SG Datasheet PDF - ams-OSRAM AG

Part # KW-DMLN33-SG
Download  KW-DMLN33-SG Click to download

File Size   1933.02 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SYNIOS® P2720

KW-DMLN33-SG Datasheet (HTML) - ams-OSRAM AG


KW-DMLN33-SG Product details

Applications
- Static Signaling
Features
- Package: SMD epoxy package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.32, Cy = 0.33 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)





Similar Part No. - KW-DMLN33-SG

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KW-DMLN31-EC AMSOSRAM-KW-DMLN31-EC Datasheet
1Mb / 22P
SYNIOS® P2720
Version 1.2 2021-01-21
KW-DMLN31-SG AMSOSRAM-KW-DMLN31-SG Datasheet
1Mb / 24P
SYNIOS® P2720
Version 1.8 2023-03-07
logo
OSRAM GmbH
KW-DMLN31.SG OSRAM-KW-DMLN31.SG Datasheet
779Kb / 23P
SMD epoxy package
logo
ams-OSRAM AG
KW-DMLN32-SB AMSOSRAM-KW-DMLN32-SB Datasheet
1Mb / 25P
SYNIOS® P2720
Version 1.8 2024-09-06
KW-DMLN34-EC AMSOSRAM-KW-DMLN34-EC Datasheet
1Mb / 23P
SYNIOS® P2720
Version 1.1 2020-07-30
More results


Similar Description - KW-DMLN33-SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KSDMLN31.23 OSRAM-KSDMLN31.23 Datasheet
667Kb / 22P
SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23 Datasheet
687Kb / 22P
SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23_18 Datasheet
732Kb / 23P
SYNIOS P2720
KWDMLS31.SG OSRAM-KWDMLS31.SG Datasheet
791Kb / 23P
SYNIOS P2720
KYDMLN31.23 OSRAM-KYDMLN31.23 Datasheet
666Kb / 22P
SYNIOS P2720
KYDMLN31.FY OSRAM-KYDMLN31.FY Datasheet
704Kb / 23P
SYNIOS P2720
KYDMLQ31.23 OSRAM-KYDMLQ31.23 Datasheet
687Kb / 22P
SYNIOS P2720
KYDMLS31.23 OSRAM-KYDMLS31.23 Datasheet
703Kb / 22P
SYNIOS P2720
KYDMLS31.FY OSRAM-KYDMLS31.FY Datasheet
745Kb / 23P
SYNIOS P2720
SFH4775S OSRAM-SFH4775S Datasheet
503Kb / 13P
IR SYNIOS P2720
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com