Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-DPL833-KD Datasheet (PDF) - ams-OSRAM AG

KW-DPL833-KD Datasheet PDF - ams-OSRAM AG
Part # KW-DPL833-KD
Download  KW-DPL833-KD Download
File Size   2223.19 Kbytes
Page   31 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SYNIOS® E4014

KW-DPL833-KD Datasheet (PDF)

Go To PDF Page Download Datasheet
KW-DPL833-KD Datasheet PDF - ams-OSRAM AG

Part # KW-DPL833-KD
Download  KW-DPL833-KD Click to download

File Size   2223.19 Kbytes
Page   31 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SYNIOS® E4014

KW-DPL833-KD Datasheet (HTML) - ams-OSRAM AG


KW-DPL833-KD Product details

Applications
- Display Backlighting
Features
- Package: colored silicone resin, SMD epoxy package
- Chip technology: InGaN on Sapphire
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.28, Cy = 0.26 acc. to CIE 1931 (● white)
- Optical efficacy: 130 lm/W
- Corrosion Robustness Class: 2B
- Qualifications: AEC-Q102 Qualified
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)





Similar Part No. - KW-DPL833-KD

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KW-DPLS31.EC OSRAM-KW-DPLS31.EC Datasheet
1Mb / 24P
SMD epoxy package, colored silicone resin
KW-DPLS31.SB OSRAM-KW-DPLS31.SB Datasheet
778Kb / 24P
SMD epoxy package, colored silicone resin
logo
ams-OSRAM AG
KW-DPLS32-EC AMSOSRAM-KW-DPLS32-EC Datasheet
1Mb / 28P
SYNIOS® E4014
Version 1.5 2020-04-24
KW-DPLS32-SB AMSOSRAM-KW-DPLS32-SB Datasheet
2Mb / 27P
SYNIOS® P4014
Version 1.1 2022-06-03
logo
OSRAM GmbH
KW-DPLS32.EC OSRAM-KW-DPLS32.EC Datasheet
921Kb / 29P
SMD epoxy package, colored silicone resin
More results


Similar Description - KW-DPL833-KD

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KSDMLN31.23 OSRAM-KSDMLN31.23 Datasheet
667Kb / 22P
SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23 Datasheet
687Kb / 22P
SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23_18 Datasheet
732Kb / 23P
SYNIOS P2720
KWDMLS31.SG OSRAM-KWDMLS31.SG Datasheet
791Kb / 23P
SYNIOS P2720
KYDMLN31.23 OSRAM-KYDMLN31.23 Datasheet
666Kb / 22P
SYNIOS P2720
KYDMLN31.FY OSRAM-KYDMLN31.FY Datasheet
704Kb / 23P
SYNIOS P2720
KYDMLQ31.23 OSRAM-KYDMLQ31.23 Datasheet
687Kb / 22P
SYNIOS P2720
KYDMLS31.23 OSRAM-KYDMLS31.23 Datasheet
703Kb / 22P
SYNIOS P2720
KYDMLS31.FY OSRAM-KYDMLS31.FY Datasheet
745Kb / 23P
SYNIOS P2720
SFH4775S OSRAM-SFH4775S Datasheet
503Kb / 13P
IR SYNIOS P2720
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com