Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D52P1 Datasheet (PDF) - LUMEL S.A.

D52P1 Datasheet PDF - LUMEL S.A.
Part # D52P1
Download  D52P1 Download
File Size   1131.2 Kbytes
Page   4 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description transducer of d.c. circuits parameters with data record and ethernet

D52P1 Datasheet (PDF)

Go To PDF Page Download Datasheet
D52P1 Datasheet PDF - LUMEL S.A.

Part # D52P1
Download  D52P1 Click to download

File Size   1131.2 Kbytes
Page   4 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description transducer of d.c. circuits parameters with data record and ethernet

D52P1 Datasheet (HTML) - LUMEL S.A.


D52P1 Product details

• Measurement of voltage, current, power, energy and other parameters
in d.c. circuits.
• Conversion of measured value in an output signal on the base
of the inddivudal characteristic.
• 1 or 2 alarm relays with NO contact working in 6 modes.
• Additional supplying output 24 V d.c 30 mA switched-on/switched-off (option).
• Recording of input signals in internal memory, on SD/SDHC card (option)
or internal file system memory (option).
• Interface RS-485 Modbus RTU.
• RS-485 Master/Monitor mode – possibility to poll 1 device.
• SD/SDHC support (option).
• Interface Ethernet 10/100 BASE-T (option).
- Protocol: Modbus TCP/IP, HTTP, FTP.
- Services: www server, ftp server, client DHCP.
• Interface CAN with CANopen protocol.




Similar Part No. - D52P1

ManufacturerPart #DatasheetDescription
logo
SHAOXING SILICORE TECHN...
D52003 SILICORE-D52003 Datasheet
208Kb / 7P
AM/FM RADIO IC
D52003CN SILICORE-D52003CN Datasheet
208Kb / 7P
AM/FM RADIO IC
logo
List of Unclassifed Man...
D5201 ETC2-D5201 Datasheet
402Kb / 3P
4/6 VARIABLE TOOTH DESIGN-FAST CUT
logo
G.M. International
D5202 GMI-D5202 Datasheet
140Kb / 2P
SIL3 24 Vdc 4 A Power Distribution with Diagnostics
D5202S GMI-D5202S Datasheet
140Kb / 2P
SIL3 24 Vdc 4 A Power Distribution with Diagnostics
More results


Similar Description - D52P1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4508 STMICROELECTRONICS-AN4508 Datasheet
309Kb / 13P
Parameters and calibration of a low-g 3-axis accelerometer
10-Jun-2014
logo
Infineon Technologies A...
IDP08E65D1 INFINEON-IDP08E65D1 Datasheet
1Mb / 11P
Temperature stable behaviour of key parameters
Rev.2.2,2013-12-16
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
Extensive Characterization of Recovery Parameters
logo
STMicroelectronics
STL128D STMICROELECTRONICS-STL128D Datasheet
631Kb / 12P
Low spread of dynamic parameters
27-Jun-2011
logo
Rosenberger Hochfrequen...
23C21D-40ML5 ROSENBERGER-23C21D-40ML5 Datasheet
351Kb / 2P
A wide variety of transmissionline topologies and pcb-parameters like permittivity
23C21E-40ML5 ROSENBERGER-23C21E-40ML5 Datasheet
180Kb / 2P
A wide variety of transmissionline topologies and pcb-parameters like permittivity
23C21F-40ML5 ROSENBERGER-23C21F-40ML5 Datasheet
250Kb / 2P
A wide variety of transmissionline topologies and pcb-parameters like permittivity
logo
New Jersey Semi-Conduct...
OC81D NJSEMI-OC81D Datasheet
40Kb / 1P
Transistor Datasheet. Parameters and Characteristics.
logo
ON Semiconductor
AND8308 ONSEMI-AND8308 Datasheet
121Kb / 4P
Interpretation of Datasheet Parameters for ESD Devices
December, 2016 ??Rev. 2
logo
Endress+Hauser Group Se...
TI01079R EH-TI01079R Datasheet
1Mb / 24P
Record, visualize and monitor
2021-09-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com