Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV81325ADDA Datasheet (PDF) - Texas Instruments

DRV81325ADDA Datasheet PDF - Texas Instruments
Part # DRV81325ADDA
Download  DRV81325ADDA Download
File Size   1581.13 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV81325/A -Q1 Dual Channel Protected Low-side Switches

DRV81325ADDA Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV81325ADDA Datasheet PDF - Texas Instruments

Part # DRV81325ADDA
Download  DRV81325ADDA Click to download

File Size   1581.13 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV81325/A -Q1 Dual Channel Protected Low-side Switches

DRV81325ADDA Datasheet (HTML) - Texas Instruments


DRV81325ADDA Product details

1 Features
• Dual Protected Integrated Low Side switches
– 110mΩ RDS(ON) at 25°C
– Output Stage upto 40V operating tolerance
• AEC-Q100 Qualified (up to Grade 1)
• Hardware control interface
• Fully Protected
– Internal current limit for each switch
– Independent Overtemperature protection for each switch
• Dynamic and absolute overtemperature protection
– Integrated Overvoltage clamps for inductive load discharge
• Diagnostic feedback (DRV81325A)
– MCU Fault interrupt signal (STATUS) available per channel
• 2.6V to 5.5V input Voltage operating range
– Supports 3p3V, 5V MCU I/O control
• Non Thermally Enhanced Surface mount package (D-SOIC8) , Thermally Enhanced Surface mount package (DDA8)




Similar Part No. - DRV81325ADDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV81004-Q1 TI1-DRV81004-Q1 Datasheet
1Mb / 38P
DRV81004-Q1: 4-channel Low-side Driver for Relay Control
AUGUST 2024
DRV81004-Q1 TI-DRV81004-Q1 Datasheet
2Mb / 54P
DRV81602-Q1: 8-Channel Configurable Low-side and High-side Driver for Automotive Relay, LED, Lighting and Motor Control
SEPTEMBER 2024
DRV81004-Q1 TI-DRV81004-Q1 Datasheet
2Mb / 55P
DRV81620-Q1: 8-Channel Configurable Low-side and High-side Driver for Automotive Relay, LED, Lighting and Motor Control
SEPTEMBER 2024
DRV81004-Q1 TI1-DRV81004-Q1 Datasheet
2Mb / 60P
DRV81080-Q1: 8-Channel, 40V, 700mΩ, Fully Protected High-side Driver for Automotive LED, Lighting and Motor Control
MARCH 2025
DRV81004-Q1 TI1-DRV81004-Q1 Datasheet
2Mb / 61P
DRV81242-Q1: 8-Channel, 40V, 700mΩ, Fully Protected, Configurable Low-side and High-side Driver for Automotive Relay, LED, Lighting and Motor Control
MARCH 2025
More results


Similar Description - DRV81325ADDA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
Single and Dual Protected High Side Switches
logo
Motorola, Inc
MC33287 MOTOROLA-MC33287 Datasheet
360Kb / 9P
Contact Monitoring and Dual Low Side Protected Driver
logo
Freescale Semiconductor...
33287 FREESCALE-33287 Datasheet
386Kb / 15P
Contact Monitoring and Dual Low-Side Protected Driver
logo
Infineon Technologies A...
TLE7240SL INFINEON-TLE7240SL Datasheet
639Kb / 28P
8 Channel Protected Low-Side Relay Switch
Rev. 1.1, April 2009
TLE7243SL INFINEON-TLE7243SL Datasheet
635Kb / 28P
8 Channel Protected Low-Side Relay Switch
Rev. 1.0, September 2009
TLE7244SL INFINEON-TLE7244SL Datasheet
634Kb / 28P
8 Channel Protected Low-Side Relay Switch
Rev. 1.0, September 2009
logo
Linear Technology
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
Single and Dual Protected High Side Switches
logo
Motorola, Inc
MC3392 MOTOROLA-MC3392 Datasheet
202Kb / 12P
LOW SIDE PROTECTED SWITCH
logo
ON Semiconductor
NCV8402D ONSEMI-NCV8402D_16 Datasheet
95Kb / 11P
Dual Self-Protected Low-Side Driver
July, 2016 ??Rev. 3
logo
Texas Instruments
TCAN1046V-Q1 TI1-TCAN1046V-Q1 Datasheet
3Mb / 36P
TCAN1046V-Q1 and TCAN1048V-Q1 Dual Automotive Fault-Protected CAN Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com