Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW03B-V1 Datasheet (PDF) - SHENZHEN ASCHIP TECH CO., LTD.

SW03B-V1 Datasheet PDF - SHENZHEN ASCHIP TECH CO., LTD.
Part # SW03B-V1
Download  SW03B-V1 Download
File Size   598.43 Kbytes
Page   6 Pages
Manufacturer  ASCHIP [SHENZHEN ASCHIP TECH CO., LTD.]
Direct Link  https://www.aschip.com
Logo ASCHIP - SHENZHEN ASCHIP TECH CO., LTD.
Description Human body thermal release infrared sensing controller

SW03B-V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW03B-V1 Datasheet PDF - SHENZHEN ASCHIP TECH CO., LTD.

Part # SW03B-V1
Download  SW03B-V1 Click to download

File Size   598.43 Kbytes
Page   6 Pages
Manufacturer  ASCHIP [SHENZHEN ASCHIP TECH CO., LTD.]
Direct Link  https://www.aschip.com
Logo ASCHIP - SHENZHEN ASCHIP TECH CO., LTD.
Description Human body thermal release infrared sensing controller

SW03B-V1 Datasheet (HTML) - SHENZHEN ASCHIP TECH CO., LTD.


SW03B-V1 Product details

Description
The SW03B-V1 is a low-power PIR (Passive Infrared) controller chip manufactured using CMOS technology. It features a mixed-mode architecture combining analog and digital circuitry, ensuring highly stable performance across various operating conditions. Utilizing third-generation PIR detection technology and an integrated high-precision algorithm unit, the chip automatically adapts to the environment, filters out interference, and effectively extracts human presence signals, achieving a maximum detection range of over ten meters. The application circuit is remarkably simple; no calibration is required during R&D or production, significantly reducing manufacturing costs and saving space.

Product Applications
‧ Automatic, energy-saving lighting for gardens, garages, corridors, stairwells, and similar areas.
‧ Surveillance, alarm, and doorbell systems for homes, shops, offices, factories, and other locations.
‧ Automatic switching systems for exhaust fans and ceiling fans.
‧ Energy-saving and control systems for digital products such as digital photo frames, displays, digital cameras, and hunting cameras.
‧ Control systems for smart toys.

Product Features
‧ Industrial-grade standards ensure high stability, strong interference immunity, and a wide operating temperature range, facilitating compliance with various certifications.
‧ Built-in operational amplifier enables signal pre-processing and compatibility with a wide range of PIR sensors.
‧ Integrated peripheral circuitry for the operational amplifier eliminates the need for manual tuning during R&D and production, saving both development time and manufacturing costs.
‧ Built-in high-precision algorithm unit automatically adapts to the environment, effectively distinguishing human signals from interference.
‧ Offers long sensing range and a significantly lower false-trigger rate compared to traditional control chips.
‧ Built-in high-precision crystal oscillator.
‧ Built-in 2-second blanking timer effectively suppresses repeated false triggering.
‧ Adjustable control signal output delay with high precision and a wide timing range.
‧ Supports external connection to a phototransistor or photoresistor; remains inactive during daylight.
‧ Simple application circuitry ensures high product consistency in mass production, low return rates, and a compact final product size.
‧ SOP8 package; compact chip size; compliant with EU RoHS standards.




Similar Part No. - SW03B-V1

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW030R04VT SEMIPOWER-SW030R04VT Datasheet
567Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW031R06ET SEMIPOWER-SW031R06ET Datasheet
728Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
SW035R08ET SEMIPOWER-SW035R08ET Datasheet
756Kb / 6P
N-channel Enhanced mode TO-263 MOSFET
SW036R10ES SEMIPOWER-SW036R10ES Datasheet
855Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
More results


Similar Description - SW03B-V1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9251FV ROHM-BD9251FV_11 Datasheet
272Kb / 9P
IC for Human Body Detector Amplifier for Pyroelectric Infrared Sensor
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
Passive infrared human detection sensor with built-in amp.
logo
Silicon Laboratories
AN498 SILABS-AN498 Datasheet
2Mb / 58P
Infrared Gesture Sensing
AN580 SILABS-AN580 Datasheet
1Mb / 10P
INFRARED GESTURE SENSING
logo
Maxim Integrated Produc...
MAX30205 MAXIM-MAX30205 Datasheet
592Kb / 15P
Human Body Temperature Sensor
Rev 0; 3/16
logo
SHENZHEN FUMAN ELECTRON...
BISS0001A FUMAN-BISS0001A Datasheet
280Kb / 7P
Infrared sensing signal processor
BISS0001B FUMAN-BISS0001B Datasheet
279Kb / 7P
Infrared sensing signal processor
logo
Maxim Integrated Produc...
MAX30205EVKIT MAXIM-MAX30205EVKIT Datasheet
799Kb / 6P
MAX30205 Human Body Temperature Sensor Evaluation Kit
Rev 0; 9/16
logo
MEMSIC Semiconductor (T...
MXC6255XU MEMSIC-MXC6255XU Datasheet
367Kb / 13P
Digital Thermal Orientation Sensing Accelerometer
Version B
logo
Guangdong Youtai Semico...
BISS0001 UMW-BISS0001 Datasheet
488Kb / 4P
Infrared sensing signal processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com