Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1961G40R Datasheet (PDF) - Solomon Systech Limited

SSD1961G40R Datasheet PDF - Solomon Systech Limited
Part # SSD1961G40R
Download  SSD1961G40R Download
File Size   910.74 Kbytes
Page   83 Pages
Manufacturer  SOLOMON [Solomon Systech Limited]
Direct Link  https://www.solomon-systech.com
Logo SOLOMON - Solomon Systech Limited
Description 675KB Embedded Display SRAM LCD Display Controller

SSD1961G40R Datasheet (PDF)

Go To PDF Page Download Datasheet
SSD1961G40R Datasheet PDF - Solomon Systech Limited

Part # SSD1961G40R
Download  SSD1961G40R Click to download

File Size   910.74 Kbytes
Page   83 Pages
Manufacturer  SOLOMON [Solomon Systech Limited]
Direct Link  https://www.solomon-systech.com
Logo SOLOMON - Solomon Systech Limited
Description 675KB Embedded Display SRAM LCD Display Controller

SSD1961G40R Datasheet (HTML) - Solomon Systech Limited


SSD1961G40R Product details

GENERAL DESCRIPTION
SSD1961 is a display controller of 5,529,600 bit frame buffer to support up to 640 x 480 x 18bit graphics
content. It also equips parallel MCU interfaces in different bus width to receive graphics data and command
from MCU. Its display interface supports common RAM-less LCD driver of color depth up to 18 bit-perpixel.

FEATURES
• Display feature
− 675kbyte (5,529,600bit) built-in frame buffer. Support up to 640 x 480 at 18bpp display
− Support TFT 18 bit generic RGB interface panel
− Support 8-bit serial RGB interface
− Hardware rotation of 0, 90, 180, 270 degree
− Hardware display mirroring
− Hardware windowing
− Programmable brightness, contrast and saturation control
− Dynamic Backlight Control (DBC) via PWM signal
• MCU connectivity
− 8/9/16/18-bit MCU interface
− Tearing effect signal
• I/O Connectivity
− 4 GPIO pins
• Built-in clock generator
• Deep sleep mode for power saving
• 64 pin BGA package
• Core supply power (VDDPLL and VDDD): 1.2V±0.1V
• I/O supply power (VDDIO): 1.65V to 3.6V
• LCD interface supply power (VDDLCD): 1.65V to 3.6V




Similar Part No. - SSD1961G40R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
SSD1963G41 ETC2-SSD1963G41 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
SSD1963QL9 ETC2-SSD1963QL9 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
SSD1963QL9R ETC2-SSD1963QL9R Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
More results


Similar Description - SSD1961G40R

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
LCD Dot Matrix Graphics Display Controller
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
Analog LCD Display Controller
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
logo
Bolymin, Inc
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
Display Embedded System
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
Display Embedded System
logo
Epson Company
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
Embedded 80K byte SRAM display buffer.
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
LCD Display PID Control Temperature Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com