Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4668ARUZ Datasheet (PDF) - Analog Devices

ADN4668ARUZ Datasheet PDF - Analog Devices
Part # ADN4668ARUZ
Download  ADN4668ARUZ Download
File Size   306.93 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V LVDS Quad CMOS Differential Line Receiver

ADN4668ARUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4668ARUZ Datasheet PDF - Analog Devices

Part # ADN4668ARUZ
Download  ADN4668ARUZ Click to download

File Size   306.93 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V LVDS Quad CMOS Differential Line Receiver

ADN4668ARUZ Datasheet (HTML) - Analog Devices


ADN4668ARUZ Product details

GENERAL DESCRIPTION

The ADN4668 is a quad-channel CMOS, low voltage differential signaling (LVDS) line receiver offering data rates of over 400 Mbps (200 MHz) and ultralow power consumption. It features a flow through pin configuration for easy PCB layout and separation of input and output signals.



FEATURES

±15 kV ESD protection on receiver input pins

400 Mbps (200 MHz) switching rates

Flow-through pin configuration simplifies PCB layout

150 ps channel-to-channel skew (typical)

100 ps differential skew (typical)

2.7 ns maximum propagation delay

3.3 V power supply

High impedance outputs on power-down

Low power design (3 mW quiescent typical)

Interoperable with existing 5 V LVDS drivers

Accepts small swing (310 mV typical) differential input signal levels

Supports open, short, and terminated input fail-safe

0 V to −100 mV threshold region

Conforms to TIA/EIA-644 LVDS standard

Industrial operating temperature range of −40°C to +85°C

Available in 16-lead surface-mount SOIC and 16-lead low profile TSSOP package



APPLICATIONS

Point-to-point data transmission

Multidrop buses

Clock distribution networks

Backplane receivers




Similar Part No. - ADN4668ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4668ARUZ AD-ADN4668ARUZ Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4668ARUZ-REEL7 AD-ADN4668ARUZ-REEL7 Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4668ARUZ-REEL71 AD-ADN4668ARUZ-REEL71 Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668ARUZ1 AD-ADN4668ARUZ1 Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
REV. A
More results


Similar Description - ADN4668ARUZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
LVDS Quad CMOS Differential Line Receiver
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
LVDS Quad CMOS Differential Line Receiver
logo
Analog Devices
ADN4666 AD-ADN4666 Datasheet
262Kb / 12P
3 V, LVDS, Quad CMOS Differential Line Receiver
REV. 0
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
REV. A
logo
Texas Instruments
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
LVDS Quad CMOS Differential Line Receiver
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
LVDS Quad CMOS Differential Line Receiver
DS90LV048A TI1-DS90LV048A_16 Datasheet
1Mb / 22P
3-V LVDS Quad CMOS Differential Line Receiver
logo
Analog Devices
ADN4668 AD-ADN4668_V01 Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com