Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-008801 Datasheet (PDF) - Tyco Electronics

MASW-008801 Datasheet PDF - Tyco Electronics
Part # MASW-008801
Download  MASW-008801 Download
File Size   204.52 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SPDT High Isolation CATV and Satellite Communications Switch 5 - 3000 MHz

MASW-008801 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-008801 Datasheet PDF - Tyco Electronics

Part # MASW-008801
Download  MASW-008801 Click to download

File Size   204.52 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SPDT High Isolation CATV and Satellite Communications Switch 5 - 3000 MHz

MASW-008801 Datasheet (HTML) - Tyco Electronics


MASW-008801 Product details

Description
The MASW-008801 is a GaAs pHEMT MMIC single pole double throw (SPDT) switch in a lead-free 3 mm 16-lead PQFN package. The MASW-008801 is ideally suited for applications where low control voltage, high isolation, small size and low cost are required.

Features
• 75 Ω Impedance
• Input Terminated
• Positive Voltage Control
• High Isolation: 50 dB at 2500 MHz
• 0.5 micron GaAs pHEMT Process
• Achieve 80 dB isolation at 216 MHz
• Lead-Free 3 mm 16-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MASW-008801

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008801 MA-COM-MASW-008801 Datasheet
165Kb / 5P
SPDT High Isolation CATV and Satellite Communications Switch, 5 - 3000 MHz
MASW-008801 MA-COM-MASW-008801 Datasheet
165Kb / 5P
SPDT High Isolation CATV and Satellite Communications Switch, 5 - 3000 MHz
MASW-008801-001SMB MA-COM-MASW-008801-001SMB Datasheet
165Kb / 5P
SPDT High Isolation CATV and Satellite Communications Switch, 5 - 3000 MHz
MASW-008801-TR3000 MA-COM-MASW-008801-TR3000 Datasheet
165Kb / 5P
SPDT High Isolation CATV and Satellite Communications Switch, 5 - 3000 MHz
MASW-008801 MA-COM-MASW-008801_15 Datasheet
165Kb / 5P
SPDT High Isolation CATV and Satellite Communications Switch
More results


Similar Description - MASW-008801

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0068 MACOM-MASWSS0068 Datasheet
257Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0069-A5 MACOM-MASWSS0069-A5 Datasheet
230Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MACOM-MASW-008153 Datasheet
196Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008153 MA-COM-MASW-008153 Datasheet
159Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0068 MA-COM-MASWSS0068 Datasheet
98Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MA-COM-MASWSS0103 Datasheet
120Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008801 MA-COM-MASW-008801 Datasheet
165Kb / 5P
SPDT High Isolation CATV and Satellite Communications Switch, 5 - 3000 MHz
MASW-008801 MA-COM-MASW-008801 Datasheet
165Kb / 5P
SPDT High Isolation CATV and Satellite Communications Switch, 5 - 3000 MHz
MASW-008801 MA-COM-MASW-008801_15 Datasheet
165Kb / 5P
SPDT High Isolation CATV and Satellite Communications Switch
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com