Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAY-T67B Datasheet (PDF) - ams-OSRAM AG

LAY-T67B Datasheet PDF - ams-OSRAM AG
Part # LAY-T67B
Download  LAY-T67B Download
File Size   1835.61 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Multi TOPLED®

LAY-T67B Datasheet (PDF)

Go To PDF Page Download Datasheet
LAY-T67B Datasheet PDF - ams-OSRAM AG

Part # LAY-T67B
Download  LAY-T67B Click to download

File Size   1835.61 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Multi TOPLED®

LAY-T67B Datasheet (HTML) - ams-OSRAM AG


LAY-T67B Product details

Applications
- Home & Building Automation
- Robotics
- Static Signaling
Features
- Package: white PLCC-4 package, colorless clear resin
- Chip technology: InGaAlP
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 617 nm (● amber); λdom = 587 nm (● yellow)
- Optical efficacy: 16 lm/W; 24 lm/W
- Corrosion Robustness Class: 3B
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LAY-T67B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAY-T67B OSRAM-LAY-T67B Datasheet
353Kb / 15P
white P-LCC-4 package, colorless clear resin
More results


Similar Description - LAY-T67B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSGT670 SIEMENS-LSGT670 Datasheet
491Kb / 8P
Multi TOPLED
LSPBT670 SIEMENS-LSPBT670 Datasheet
663Kb / 9P
Multi TOPLED
LSST670 SIEMENS-LSST670 Datasheet
490Kb / 8P
Multi TOPLED
logo
OSRAM GmbH
LSGT670 OSRAM-LSGT670 Datasheet
84Kb / 9P
Multi TOPLED
LSGT67K OSRAM-LSGT67K Datasheet
550Kb / 18P
Multi TOPLED
logo
ams AG
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com