Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M9346-DS3T Datasheet (PDF) - STMicroelectronics

M9346-DS3T Datasheet PDF - STMicroelectronics
Part # M9346-DS3T
Download  M9346-DS3T Download
File Size   525.45 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection

M9346-DS3T Datasheet (PDF)

Go To PDF Page Download Datasheet
M9346-DS3T Datasheet PDF - STMicroelectronics

Part # M9346-DS3T
Download  M9346-DS3T Click to download

File Size   525.45 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection

M9346-DS3T Datasheet (HTML) - STMicroelectronics


M9346-DS3T Product details

SUMMARY DESCRIPTION

This specification covers a range of 4K, 2K, 1K bit serial Electrically Erasable Programmable Memory (EEPROM) products (respectively for M93S66, M93S56, M93S46). In this text, these products are collectively referred to as M93Sx6. Figure 2. Logic Diagram and instructions used to set the memory protection. These are summarized in Table 2. and Table 3.).

A Read Data from Memory (READ) instruction loads the address of the first word to be read into an internal address pointer. The data contained at this address is then clocked out serially. The ad dress pointer is automatically incremented after the data is output and, if the Chip Select Input (S) is held High, the M93Sx6 can output a sequential stream of data words. In this way, the memory can be read as a data stream from 16 to 4096 bits (for the M93S66), or continuously as the address counter automatically rolls over to 00h when the highest address is reached.

Within the time required by a programming cycle (tW), up to 4 words may be written with help of the Page Write instruction. the whole memory may also be erased, or set to a predetermined pattern, by using the Write All instruction



FEATURES SUMMARY

■ Industry Standard MICROWIRE Bus

■ Single Supply Voltage:

   – 4.5 to 5.5V for M93Sx6

   – 2.5 to 5.5V for M93Sx6-W

   – 1.8 to 5.5V for M93Sx6-R

■ Single Organization: by Word (x16)

■ Programming Instructions that work on: Word or Entire Memory

■ Self-timed Programming Cycle with Auto Erase

■ User Defined Write Protected Area

■ Page Write Mode (4 words)

■ Ready/Busy Signal During Programming

■ Speed:

   – 1MHz Clock Rate, 10ms Write Time (Current product, identified by process identification letter F or M)

   – 2MHz Clock Rate, 5ms Write Time (New Product, identified by process identification letter W or G)

■ Sequential Read Operation

■ Enhanced ESD/Latch-Up Behavior

■ More than 1 Million Erase/Write Cycles

■ More than 40 Year Data Retention



 




Similar Part No. - M9346-DS3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M9346-DS3T STMICROELECTRONICS-M9346-DS3T Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
31-Jul-2007
More results


Similar Description - M9346-DS3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86 Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
31-Jul-2007
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
05-Oct-2004
M93C86 STMICROELECTRONICS-M93C86 Datasheet
611Kb / 31P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
31-Jul-2007
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
M93C86 STMICROELECTRONICS-M93C86_05 Datasheet
587Kb / 31P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
27-Oct-2005
M93C46-WMN6P STMICROELECTRONICS-M93C46-WMN6P Datasheet
979Kb / 33P
16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
23-Apr-2013
logo
ON Semiconductor
CAT93C86P ONSEMI-CAT93C86P Datasheet
154Kb / 10P
16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
logo
STMicroelectronics
M93C46MN6T STMICROELECTRONICS-M93C46MN6T Datasheet
623Kb / 33P
(8-bit or 16-bit wide) MICROWIRE serial access EEPROM
15-Nov-2013
logo
ON Semiconductor
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
NV93C86WF ONSEMI-NV93C86WF Datasheet
175Kb / 9P
EEPROM Serial 16-Kb Microwire
May, 2018 ??Rev. 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com