Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCL001 Datasheet (PDF) - Optronics International

MCL001 Datasheet PDF - Optronics International
Part # MCL001
Download  MCL001 Download
File Size   191.27 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description LED 2" Round Sealed Flange Mount Marker/Clearance Light with Reflex

MCL001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCL001 Datasheet PDF - Optronics International

Part # MCL001
Download  MCL001 Click to download

File Size   191.27 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description LED 2" Round Sealed Flange Mount Marker/Clearance Light with Reflex

MCL001 Datasheet (HTML) - Optronics International


MCL001 Product details

Sonically sealed, waterproof
Recess flange mount design
Available with angled weathertight 2-pin connection or hard wired with butt connectors
on leads
Built-in reflex eliminates the need for a separate reflector
Available in bulk and polypack packaging
Lifetime LED Warranty




Similar Part No. - MCL001

ManufacturerPart #DatasheetDescription
logo
Optronics International
MCL002 OPTRONICS-MCL002 Datasheet
136Kb / 1P
LED 2.5" Recess Flange Mount Marker/Clearance Lights
MCL0028ABB OPTRONICS-MCL0028ABB Datasheet
136Kb / 3P
Replacement lenses
MCL0028RBB OPTRONICS-MCL0028RBB Datasheet
136Kb / 3P
Replacement lenses
MCL002AFYB OPTRONICS-MCL002AFYB Datasheet
136Kb / 1P
LED 2.5" Recess Flange Mount Marker/Clearance Lights
MCL002AXB OPTRONICS-MCL002AXB Datasheet
136Kb / 1P
LED 2.5" Recess Flange Mount Marker/Clearance Lights
More results


Similar Description - MCL001

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
P46-1R05-C01 DIALIGHT-P46-1R05-C01 Datasheet
203Kb / 2P
5 1/2??Round Rail Car LED Marker Lamp
logo
Lucky Light Electronic
LL-1004BD2D-B4-2G LUCKY-LIGHT-LL-1004BD2D-B4-2G Datasheet
136Kb / 7P
10mm Round With Flange Blue LED Technical Data Sheet
LL-304VC2L-V1-2B LUCKY-LIGHT-LL-304VC2L-V1-2B Datasheet
134Kb / 7P
3mm Round With Flange Type Hyper Red LED
LL-304VC4B-V1-4ID LUCKY-LIGHT-LL-304VC4B-V1-4ID Datasheet
133Kb / 7P
3mm Round With Flange Type Hyper Red LED
LL-304VC4B-V1-TSD LUCKY-LIGHT-LL-304VC4B-V1-TSD Datasheet
132Kb / 7P
3mm Round With Flange Type Ultra Red LED
logo
Harwin Plc
R4780-02 HARWIN-R4780-02 Datasheet
149Kb / 1P
CLEARANCE SPACER-ROUND
R6680-02 HARWIN-R6680-02 Datasheet
130Kb / 1P
CLEARANCE SPACER-ROUND
logo
Shanghai Cyanlite Techn...
PR28WD40 CYANLITE-PR28WD40 Datasheet
1Mb / 3P
LED Round Panel Light - CYNTHIA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com