Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5H11G Datasheet (PDF) - List of Unclassifed Manufacturers

5H11G Datasheet PDF - List of Unclassifed Manufacturers
Part # 5H11G
Download  5H11G Download
File Size   187.43 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Complementary Power Transistors

5H11G Datasheet (PDF)

Go To PDF Page Download Datasheet
5H11G Datasheet PDF - List of Unclassifed Manufacturers

Part # 5H11G
Download  5H11G Click to download

File Size   187.43 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Complementary Power Transistors

5H11G Datasheet (HTML) - List of Unclassifed Manufacturers


5H11G Product details

Features
•Pb−Free Packages are Available
•Lead Formed for Surface Mount Application in Plastic Sleeves (No Suffix)
•Straight Lead Version in Plastic Sleeves (“−1” Suffix)
•Lead Formed Version in 16 mm Tape and Reel for Surface Mount(“T4” Suffix)
•Electrically Similar to Popular D44H/D45H Series
•Low Collector Emitter Saturation Voltage − VCE(sat) = 1.0 Volt Max @ 8.0 Amperes
•Fast Switching Speeds
•Complementary Pairs Simplifies Designs
•Epoxy Meets UL 94, V−0 @ 0.125 in
•ESD Ratings:Human Body Model, 3B  8000 V
Machine Model, C  400 V




Similar Part No. - 5H11G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
5H11G ONSEMI-5H11G Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose PNP
September, 2022 - Rev. 0
More results


Similar Description - 5H11G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
COMPLEMENTARY POWER TRANSISTORS
Feb-2002
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
Complementary Power Transistors
June, 2005 ??Rev. 6
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
Complementary power transistors
10-Jan-2008
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
Complementary Power Transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
Complementary Power Transistors
February, 2011 ??Rev. 8
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
Complementary Power Transistors
February, 2012 ??Rev. 12
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
Complementary Power Transistors
August, 2021 ??Rev. 21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com