Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5501A Datasheet (PDF) - Fuji Electric

5501A Datasheet PDF - Fuji Electric
Part # 5501A
Download  5501A Download
File Size   222.35 Kbytes
Page   26 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description FUJI Power Supply Control IC

5501A Datasheet (PDF)

Go To PDF Page Download Datasheet
5501A Datasheet PDF - Fuji Electric

Part # 5501A
Download  5501A Click to download

File Size   222.35 Kbytes
Page   26 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description FUJI Power Supply Control IC

5501A Datasheet (HTML) - Fuji Electric


5501A Product details

Description
FA5500A/FA5501A are control ICs for a power factor correction converter using critical conduction mode of operation.
This IC uses a CMOS device with high dielectric strength (30V) to implement low power consumption. These ICs contain
compensated current sense comparator for light load and open/short protection at feedback (FB) pin. Compensated current
sense comparator for light load keeps output voltage constant from no-load to full-load. Open/short protection at FB pin
stops output pulses when voltage divider to detect output voltage becomes fault.

Features
• Low current consumption by CMOS process
Start-up : 20μA(max.), Operating : 1mA(typ.)
• Drive circuit for connecting a power MOSFET directly
• Output peak current, source : 500mA, sink : 1000mA
• Compensated current sense comparator for light load
• Open/short protection at feedback (FB) pin
• Undervoltage Lockout
FA5500A: 11.5V ON / 9V OFF FA5501A:13V ON / 9V OFF
• Overvoltage protection
• Restart timer
• Package: DIP-8 / SOP-8




Similar Part No. - 5501A

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
Wire Wound Chip Inductors
logo
Switchcraft, Inc.
5501 SWITCH-5501 Datasheet
92Kb / 1P
5501 MINIATURE CONNECTORS
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
1Mb / 8P
201610CDMCCDS-R24MC
logo
List of Unclassifed Man...
5501 ETC-5501 Datasheet
31Kb / 1P
High Current RF Chokes
logo
Knowles Electronics
5501 KNOWLES-5501 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
More results


Similar Description - 5501A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
FUJI Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
Fuji Switching Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
Fuji Switching Power Supply Control IC
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
FUJI Power Supply Control IC
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com