Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6491X2.5BLACK Datasheet (PDF) - Pro-Power

6491X2.5BLACK Datasheet PDF - Pro-Power
Part # 6491X2.5BLACK
Download  6491X2.5BLACK Download
File Size   122.53 Kbytes
Page   2 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description 6491X 2.5mm Conduit Cable

6491X2.5BLACK Datasheet (PDF)

Go To PDF Page Download Datasheet
6491X2.5BLACK Datasheet PDF - Pro-Power

Part # 6491X2.5BLACK
Download  6491X2.5BLACK Click to download

File Size   122.53 Kbytes
Page   2 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description 6491X 2.5mm Conduit Cable

6491X2.5BLACK Datasheet (HTML) - Pro-Power


6491X2.5BLACK Product details

Features:
• PVC Insulated.
• Rated Voltage : 450/750V.
• BS 6004, 6491X, H07V-R1.

Description
Wire, 6491X 2.50mm Black




Similar Part No. - 6491X2.5BLACK

ManufacturerPart #DatasheetDescription
logo
Pro-Power
6491X 4MM BLACK PROPOWER-6491X 4MM BLACK Datasheet
122Kb / 2P
6491X 4mm Conduit Cable
14/04/07 V1.0
6491X 4MM BLUE PROPOWER-6491X 4MM BLUE Datasheet
122Kb / 2P
6491X 4mm Conduit Cable
14/04/07 V1.0
6491X 4MM GREEN/YELL PROPOWER-6491X 4MM GREEN/YELL Datasheet
122Kb / 2P
6491X 4mm Conduit Cable
14/04/07 V1.0
6491X 4MM RD PROPOWER-6491X 4MM RD Datasheet
122Kb / 2P
6491X 4mm Conduit Cable
14/04/07 V1.0
6491X 4MM YELLOW PROPOWER-6491X 4MM YELLOW Datasheet
122Kb / 2P
6491X 4mm Conduit Cable
14/04/07 V1.0
More results


Similar Description - 6491X2.5BLACK

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
637B094XM GLENAIR-637B094XM Datasheet
338Kb / 2P
Composite Box Conduit or Cable
M24758-3C GLENAIR-M24758-3C Datasheet
57Kb / 2P
Conduit Fitting
M24758-4C GLENAIR-M24758-4C Datasheet
56Kb / 2P
Conduit Fitting
M24758-5C GLENAIR-M24758-5C Datasheet
202Kb / 2P
Conduit Fitting
M24758-8C GLENAIR-M24758-8C Datasheet
198Kb / 2P
Conduit to Conduit Fitting
M24758-28A12 GLENAIR-M24758-28A12 Datasheet
195Kb / 2P
Straight Conduit Fitting to PEEK Conduit
M24758-02-A GLENAIR-M24758-02-A Datasheet
123Kb / 1P
Conduit Fitting
M24758-3-16-A GLENAIR-M24758-3-16-A Datasheet
80Kb / 1P
Conduit Fitting
M24758-8-16-A GLENAIR-M24758-8-16-A Datasheet
79Kb / 1P
Conduit-to-Conduit Fitting
637-094 GLENAIR-637-094 Datasheet
338Kb / 2P
Composite Box Conduit or Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com