Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-882-LN0-6C-R Datasheet (PDF) - TOKYO KEISO CO.,LTD.

P-882-LN0-6C-R Datasheet PDF - TOKYO KEISO CO.,LTD.
Part # P-882-LN0-6C-R
Download  P-882-LN0-6C-R Download
File Size   866.35 Kbytes
Page   2 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description Purgemeter

P-882-LN0-6C-R Datasheet (PDF)

Go To PDF Page Download Datasheet
P-882-LN0-6C-R Datasheet PDF - TOKYO KEISO CO.,LTD.

Part # P-882-LN0-6C-R
Download  P-882-LN0-6C-R Click to download

File Size   866.35 Kbytes
Page   2 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description Purgemeter

P-882-LN0-6C-R Datasheet (HTML) - TOKYO KEISO CO.,LTD.


P-882-LN0-6C-R Product details

FEATURES
❏ Micro flow rate measurement
Can measure flow rates from 0.15 to 1.5 mL/min (nor) to 6 to 60 L/
min (nor)
❏ Easy flow rate control
Can control flow rates accurately. The optimum valve will be provided
for your specification of inlet and outlet pressures.
❏ Selectable face-to-face dimensions
Three face-to-face dimensions (115 mm, 130 mm, and 145 mm) are
available for various applications.
❏ Compact, lightweight design
3 mm smaller in width and half the weight compared with the P-810.
MAJOR APPLICATIONS
1. Built-in use for equipment
2. Biotechnology industry
3. Semiconductor-related gas equipment




Similar Part No. - P-882-LN0-6C-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P-8 ETC-P-8 Datasheet
97Kb / 1P
PARALLEL
logo
JST Mfg. Co., Ltd.
P-8 JST-P-8 Datasheet
97Kb / 1P
Solderless splices PARALLEL
logo
3M Electronics
P-8-0 3M-P-8-0 Datasheet
27Kb / 1P
Stacking Pin Tip Plug, Each End
21-May-2002
logo
Pomona Electronics
P-8-0 POMONA-P-8-0 Datasheet
27Kb / 1P
Stacking Pin Tip Plug, Stacking Pin Tip Plug,
5/21/02
logo
3M Electronics
P-8-2 3M-P-8-2 Datasheet
27Kb / 1P
Stacking Pin Tip Plug, Each End
21-May-2002
More results


Similar Description - P-882-LN0-6C-R

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1210 TTELEC-DS1210 Datasheet
488Kb / 4P
Platon Armoured Purgemeter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com