Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4012 Datasheet (PDF) - Infinite Electronics International, Inc.

ST4012 Datasheet PDF - Infinite Electronics International, Inc.
Part # ST4012
Download  ST4012 Download
File Size   476.73 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 0.5 Watts To 40 GHz Passivated Stainless Steel 2.92mm Male

ST4012 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST4012 Datasheet PDF - Infinite Electronics International, Inc.

Part # ST4012
Download  ST4012 Click to download

File Size   476.73 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 0.5 Watts To 40 GHz Passivated Stainless Steel 2.92mm Male

ST4012 Datasheet (HTML) - Infinite Electronics International, Inc.


ST4012 Product details

Features
• DC to 40 GHz Frequency Range
• VSWR 1.25:1 Max
• Max Power 0.5 Watt (CW)
• 2.92mm Male Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Similar Part No. - ST4012

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST40120C SMC-ST40120C Datasheet
105Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST40120C SMCDIODE-ST40120C Datasheet
340Kb / 6P
SCHOTTKY RECTIFIER
Rev. C
logo
Micro Commercial Compon...
ST40120CT MCC-ST40120CT Datasheet
313Kb / 2P
40 Amp Ultra Low VF Schottky Barrier Rectifier 120 Volts
More results


Similar Description - ST4012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6069 PASTERNACK-PE6069 Datasheet
148Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6085 PASTERNACK-PE6085 Datasheet
245Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PE7046-3 PASTERNACK-PE7046-3 Datasheet
241Kb / 3P
3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-10 PASTERNACK-PE7046-10 Datasheet
240Kb / 3P
10 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-30 PASTERNACK-PE7046-30 Datasheet
240Kb / 3P
30 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-6 PASTERNACK-PE7046-6 Datasheet
241Kb / 3P
6 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-20 PASTERNACK-PE7046-20 Datasheet
240Kb / 3P
20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE6085 PASTERNACK-PE6085_16 Datasheet
416Kb / 3P
0.5 Watt RF Load Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
PE6086 PASTERNACK-PE6086_16 Datasheet
420Kb / 4P
0.5 Watt RF Load with Chain Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
PE6087 PASTERNACK-PE6087_16 Datasheet
417Kb / 3P
0.5 Watt RF Load Up to 40 GHz with 2.92mm Female Passivated Stainless Steel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com