Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSCE5V022N1 Datasheet (PDF) - Analog Future

SSCE5V022N1 Datasheet PDF - Analog Future
Part # SSCE5V022N1
Download  SSCE5V022N1 Download
File Size   672.17 Kbytes
Page   6 Pages
Manufacturer  AFSEMI [Analog Future]
Direct Link  http://www.afsemi.com
Logo AFSEMI - Analog Future
Description TVS Diodes

SSCE5V022N1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSCE5V022N1 Datasheet PDF - Analog Future

Part # SSCE5V022N1
Download  SSCE5V022N1 Click to download

File Size   672.17 Kbytes
Page   6 Pages
Manufacturer  AFSEMI [Analog Future]
Direct Link  http://www.afsemi.com
Logo AFSEMI - Analog Future
Description TVS Diodes

SSCE5V022N1 Datasheet (HTML) - Analog Future


SSCE5V022N1 Product details

 Description
The SSCE5V022L1 is designed with SSC process TVS
technology to protect voltage sensitive components from
ESD. Excellent clamping capability, low leakage, and fast
response time provide best in class protection on designs
that are exposed to ESD. Because of its small size, it is suited
for use in cellular phones, MP3 players, digital cameras and
many other portable applications where board space comes
at a premium.

Feature
 40W peak pulse power (tP = 8/20μs)
 DFN0603-2L Package
 Working voltage: 5V
 Low clamping voltage
 Low capacitance
 RoHS compliant transient protection for high speed data
lines to IEC61000-4-2(ESD)±15kV(air),±8kV(contact)

Applications
DVI & HDMI Port Protection
Serial and Parallel Ports
Projection TV
Notebooks, Desktops, Servers
High Speed Line : USB
1.0/2.0/3.0/3.1,VGA,DVI,SDI
Portable instrumentation




Similar Part No. - SSCE5V022N1

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SSCE5V022L1 LEIDITECH-SSCE5V022L1 Datasheet
1Mb / 3P
1- Line Bi-directional TVS Diode
Rev : 01.06.2018
More results


Similar Description - SSCE5V022N1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD24VS2U INFINEON-ESD24VS2U Datasheet
617Kb / 10P
Silicon TVS diodes
2009-02-18
ESD5V0S INFINEON-ESD5V0S Datasheet
153Kb / 8P
Silicon TVS Diodes
2007-12-07
logo
Yea Shin Technology Co....
YSESD3ZXXBT1G YEASHIN-YSESD3ZXXBT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
YSESD3Z3.3BT1G YEASHIN-YSESD3Z3.3BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
YSESD3Z12BT1G YEASHIN-YSESD3Z12BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
YSESD3Z15BT1G YEASHIN-YSESD3Z15BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
YSESD3Z18BT1G YEASHIN-YSESD3Z18BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
Unidirectional TVS Diodes
logo
Guangdong Youtai Semico...
SDXXC UMW-SDXXC Datasheet
1Mb / 4P
Bidirectional TVS Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com