Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS1117CS-X.X Datasheet (PDF) - Advanced Monolithic Systems

AMS1117CS-X.X Datasheet PDF - Advanced Monolithic Systems
Part # AMS1117CS-X.X
Download  AMS1117CS-X.X Download
File Size   511.54 Kbytes
Page   12 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 1A Low Dropout Voltage Regulator

AMS1117CS-X.X Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS1117CS-X.X Datasheet PDF - Advanced Monolithic Systems

Part # AMS1117CS-X.X
Download  AMS1117CS-X.X Click to download

File Size   511.54 Kbytes
Page   12 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 1A Low Dropout Voltage Regulator

AMS1117CS-X.X Datasheet (HTML) - Advanced Monolithic Systems


AMS1117CS-X.X Product details

General Description
The AMS1117 series of adjustable and fixed voltage
regulators are designed to provide up to 1A output
current and to operate down to 1.2V input-to-output
differential. The dropout voltage of the device is
guaranteed maximum 1.3V, decreasing at lower
load currents.
On-chip trimming adjusts the reference voltage to
1.5%. Current limit is set to minimize the stress
under overload conditions on both the regulator and
power source circuitry.
The AMS1117 devices are pin compatible with other
three-terminal SCSI regulators and are offered in the
low profile surface mount SOT-223 package, in the
8L SOIC package and in the TO-252 (DPAK) plastic
package.

Features
• Three terminal Adjustable or Fixed Voltages:
1.25, 1.5V, 2.5V, 2.85V, 3.3V and 5.0V
• 1A maximum output current
• 1.2V of typical dropout voltage
• 0.2% maximum load regulation
• 0.4% maximum line regulation
• -40 to +125°C temperature range
• Available in SOT223, TO-252 and SO-8
package
• RoHS & WEEE compliant

Applications
• High Efficiency Linear Regulators
• Post Regulators for Switching Supplies
• 5V to 3.3V Linear Regulator
• Adjustable Power Supply
• Notebook/Personal Computer Supplies
• Active SCSI Terminator
• Battery Powered Instrumentation




Similar Part No. - AMS1117CS-X.X

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117CS-1.5 ADMOS-AMS1117CS-1.5 Datasheet
185Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117CS-1.8 ADMOS-AMS1117CS-1.8 Datasheet
185Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117CS-2.5 ADMOS-AMS1117CS-2.5 Datasheet
185Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117CS-2.85 ADMOS-AMS1117CS-2.85 Datasheet
185Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117CS-3.3 ADMOS-AMS1117CS-3.3 Datasheet
185Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - AMS1117CS-X.X

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117_05 Datasheet
185Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117_07 Datasheet
330Kb / 7P
1A LOW DROPOUT VOLTAGE REGULATOR
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
1A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
1A Low-Dropout Voltage Regulator
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com